Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM317 Datasheet (PDF) - Gamma Microelectronics Inc.

GM317 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM317
Download  GM317 Download
File Size   184.97 Kbytes
Page   9 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 3-TERMINAL 1.5A ADJUSTABLE REGULATOR

GM317 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM317 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM317
Download  GM317 Click to download

File Size   184.97 Kbytes
Page   9 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 3-TERMINAL 1.5A ADJUSTABLE REGULATOR

GM317 Datasheet (HTML) - Gamma Microelectronics Inc.


GM317 Product details

Description

The GM317 is an adjustable 3-terminal positive voltage regulator capable of supplying in excess of 1.5 A over an output voltage range of 1.2 V to 37 V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the outputvoltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making it essentially blow out proof.



Features

Output current up to 1.5A

Output Voltages 1.2V to 37V

Input Regulation typ. 0.01%

Output Regulation typ. 0.1%

Peak Output Current Constant over Temperature Range of Regulator

Available in TO-220, TO-263, TO252 and SOT223 Packages

Ripple Rejection Typically 80dB 

Direct replacements for LM317



Applications

Voltage Regulators

Power Supplies

Current Regulators

Switching Regulators 

Current Limiter

Constant Current Battery Charger

Current Limited Charger




Similar Part No. - GM317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Gamma Microelectronics ...
GM317L GAMMA-GM317L Datasheet
163Kb / 7P
3-TERMINAL 100mA ADJUSTABLE REGULATOR
GM317LS8RG GAMMA-GM317LS8RG Datasheet
163Kb / 7P
3-TERMINAL 100mA ADJUSTABLE REGULATOR
GM317LT92BG GAMMA-GM317LT92BG Datasheet
163Kb / 7P
3-TERMINAL 100mA ADJUSTABLE REGULATOR
GM317LT92RLG GAMMA-GM317LT92RLG Datasheet
163Kb / 7P
3-TERMINAL 100mA ADJUSTABLE REGULATOR
More results


Similar Description - GM317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317_12 Datasheet
208Kb / 9P
3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
First Components Intern...
GLLM317J FCI-GLLM317J Datasheet
465Kb / 3P
3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317S FCI-LM317S Datasheet
335Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com