Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet (PDF) - SMSC Corporation

LAN9220 Datasheet PDF - SMSC Corporation
Part # LAN9220
Download  LAN9220 Download
File Size   2182.95 Kbytes
Page   150 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support

LAN9220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN9220 Datasheet PDF - SMSC Corporation

Part # LAN9220
Download  LAN9220 Click to download

File Size   2182.95 Kbytes
Page   150 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support

LAN9220 Datasheet (HTML) - SMSC Corporation


LAN9220 Product details

General Description

The LAN9220 is a full-featured, single-chip 10/100 Ethernet controller designed for embedded

applications where performance, flexibility, ease of integration and system cost control are required.

The LAN9220 is fully IEEE 802.3 10BASE-T and 802.3u 100BASE-TX compliant, and supports HP

Auto-MDIX. The variable voltage I/O signals of the LAN9220 accommodate lower voltage I/O signalling without the need for voltage level shifters.



PRODUCT FEATURES

Highlights

„ Efficient architecture with low CPU overhead

„ Easily interfaces to most 16-bit embedded CPU’s

„ 1.8V to 3.3V variable voltage I/O accommodates wide range of I/O signalling without voltage level shifters

„ Integrated PHY with HP Auto-MDIX support

„ Integrated checksum offload engine helps reduce CPU load

„ Low pin count and small body size package for small form factor system designs

Target Applications

„ Cable, satellite, and IP set-top boxes

„ Digital video recorders

„ Video-over IP solutions, IP PBX & video phones

„ Wireless routers & access points

„ Audio distribution systems

„ Printers, kiosks, security systems

„ General embedded applications

Key Benefits

„ Non-PCI Ethernet controller for standard performance applications

— 16-bit interface

— Burst-mode read support

„ Minimizes dropped packets

— Internal buffer memory can store over 200 packets

— Automatic PAUSE and back-pressure flow control Minimizes CPU overhead

— Supports Slave-DMA

— Interrupt Pin with Programmable Hold-off timer

„ Reduces system cost and increases design flexibility

„ SRAM-like interface easily interfaces to most embedded CPU’s or SoC’s

„ Reduced Power Modes

— Numerous power management modes

— Wake on LAN

— Magic packet wakeup

— Wakeup indicator event signal

— Link Status Change

„ Single chip Ethernet controller

— Fully compliant with IEEE 802.3/802.3u standards

— Integrated Ethernet MAC and PHY

— 10BASE-T and 100BASE-TX support

— Full- and Half-duplex support

— Full-duplex flow control

— Backpressure for half-duplex flow control

— Preamble generation and removal

— Automatic 32-bit CRC generation and checking

— Automatic payload padding and pad removal

— Loop-back modes

„ Flexible address filtering modes

— One 48-bit perfect address

— 64 hash-filtered multicast addresses

— Pass all multicast

— Promiscuous mode

— Inverse filtering

— Pass all incoming with status report

— Disable reception of broadcast packets

„ Integrated 10/100 Ethernet PHY

— Supports HP Auto-MDIX

— Auto-negotiation

— Supports energy-detect power down

„ Host bus interface

— Simple, SRAM-like interface

— 16-bit data bus

— 16Kbyte FIFO with flexible TX/RX allocation

— One configurable host interrupt

„ Miscellaneous features

— Small form factor, 56-pin QFN lead-free RoHS Compliant package

— Integrated 1.8V regulator

— Integrated checksum offload engine

— Mixed endian support

— General Purpose Timer

— Optional EEPROM interface

— Support for 3 status LEDs multiplexed with Programmable GPIO signals

„ Single 3.3V Power Supply with Variable Voltage I/O

„ 0°C to +70°C Commercial Temperature Support



Applications

The LAN9220 is well suited for many embedded applications, including:

„ Printers, kiosks, POS terminals and security systems

„ Audio distribution systems

„ General embedded systems

„ Basic cable, satellite and IP set-top boxes

„ Voice-over-IP solutions




Similar Part No. - LAN9220

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 151P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
logo
Microchip Technology
LAN9220 MICROCHIP-LAN9220 Datasheet
1Mb / 142P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
11/07/16
logo
SMSC Corporation
LAN9220-ABZJ SMSC-LAN9220-ABZJ Datasheet
2Mb / 151P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
More results


Similar Description - LAN9220

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9210 SMSC-LAN9210 Datasheet
4Mb / 146P
Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
LAN9221 SMSC-LAN9221 Datasheet
2Mb / 151P
High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
LAN9221 SMSC-LAN9221_12 Datasheet
2Mb / 151P
High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9215I SMSC-LAN9215I_12 Datasheet
1Mb / 139P
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215 SMSC-LAN9215_12 Datasheet
2Mb / 144P
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9211 SMSC-LAN9211_12 Datasheet
1Mb / 147P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9210 SMSC-LAN9210_12 Datasheet
2Mb / 147P
Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
logo
Microchip Technology
LAN9220 MICROCHIP-LAN9220 Datasheet
1Mb / 142P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
11/07/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com