Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9303 Datasheet (PDF) - SMSC Corporation

LAN9303 Datasheet PDF - SMSC Corporation
Part # LAN9303
Download  LAN9303 Download
File Size   4337.53 Kbytes
Page   366 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII

LAN9303 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN9303 Datasheet PDF - SMSC Corporation

Part # LAN9303
Download  LAN9303 Click to download

File Size   4337.53 Kbytes
Page   366 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII

LAN9303 Datasheet (HTML) - SMSC Corporation


LAN9303 Product details

General Description
The LAN9303/LAN9303i is a full featured, 3 port 10/100 managed Ethernet switch designed for embedded applications where performance, flexibility, ease of integration and system cost control are required. The LAN9303/LAN9303i combines all the functions of a 10/100 switch system, including the Switch Fabric, packet buffers, Buffer Manager, Media Access Controllers (MACs), PHY transceivers, and serial management. The LAN9303/LAN9303i complies with the IEEE 802.3 (full/half-duplex 10BASE-T and 100BASE-TX) Ethernet protocol specification and 802.1D/802.1Q network management protocol specifications, enabling compatibility with industry standard Ethernet and Fast Ethernet applications.

PRODUCT FEATURES
Highlights
■ Up to 200Mbps via Turbo MII Interface
■ High performance, full featured 3 port switch with VLAN, QoS packet prioritization, Rate Limiting, IGMP monitoring and management functions
■ Serial management via I2C or SMI
■ Unique Virtual PHY feature simplifies software development by mimicking the multiple switch ports as a single port PHY

Target Applications
■ Cable, satellite, and IP set-top boxes
■ Digital televisions
■ Digital video recorders
■ VoIP/Video phone systems
■ Home gateways
■ Test/Measurement equipment
■ Industrial automation systems




Similar Part No. - LAN9303

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9303M SMSC-LAN9303M Datasheet
587Kb / 11P
The LAN9303M is a full featured, three-port 10/100 managed Ethernet switch designed for embedded applications where performance, flexibility, ease of integration and system cost control are required
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
More results


Similar Description - LAN9303

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
Three Port 10/100 Managed Ethernet Switch with MII
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Micrel Semiconductor
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895MQ MICREL-KSZ8895MQ_12 Datasheet
1Mb / 116P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
logo
Microchip Technology
LAN9313I-NZW MICROCHIP-LAN9313I-NZW Datasheet
312Kb / 9P
Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
logo
SMSC Corporation
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com