Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC652 Datasheet (PDF) - Hittite Microwave Corporation

HMC652 Datasheet PDF - Hittite Microwave Corporation
Part # HMC652
Download  HMC652 Download
File Size   345.26 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz

HMC652 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC652 Datasheet PDF - Hittite Microwave Corporation

Part # HMC652
Download  HMC652 Click to download

File Size   345.26 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz

HMC652 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC652 AD-HMC652 Datasheet
476Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY
logo
Hittite Microwave Corpo...
HMC652LP2E HITTITE-HMC652LP2E Datasheet
212Kb / 4P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
More results


Similar Description - HMC652

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
50 GHz Wideband Analog Attenuator
logo
Hittite Microwave Corpo...
HMC656LP2E HITTITE-HMC656LP2E Datasheet
126Kb / 6P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC652LP2E HITTITE-HMC652LP2E Datasheet
212Kb / 4P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E HITTITE-HMC656LP2E_11 Datasheet
239Kb / 4P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
logo
TriQuint Semiconductor
TGL4203-SM TRIQUINT-TGL4203-SM_15 Datasheet
1Mb / 14P
DC -30 GHz Wideband Analog Attenuator
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
50 GHz Wideband Analog Attenuator
logo
Analog Devices
HMC650 AD-HMC650 Datasheet
476Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY
logo
Mini-Circuits
24F-24F MINI-24F-24F Datasheet
168Kb / 2P
Ultra-wideband, DC-50 GHz
logo
Qorvo, Inc
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
DC -30 GHz Wideband Analog Attenuator
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
50 GHz Wideband Analog Attenuator
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com