Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC687LP4 Datasheet (PDF) - Hittite Microwave Corporation

HMC687LP4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC687LP4
Download  HMC687LP4 Download
File Size   367.15 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz

HMC687LP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC687LP4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC687LP4
Download  HMC687LP4 Click to download

File Size   367.15 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz

HMC687LP4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC687LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC687LP4 HITTITE-HMC687LP4 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4E HITTITE-HMC687LP4E Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
More results


Similar Description - HMC687LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com