Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-APH460 Datasheet (PDF) - Hittite Microwave Corporation

HMC-APH460 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-APH460
Download  HMC-APH460 Download
File Size   226.44 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER, 27 - 31.5 GHz

HMC-APH460 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-APH460 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-APH460
Download  HMC-APH460 Click to download

File Size   226.44 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER, 27 - 31.5 GHz

HMC-APH460 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-APH460

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC-APH460 AD-HMC-APH460 Datasheet
311Kb / 6P
GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER
HMC-APH460 AD-HMC-APH460 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC-APH460

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH313 HITTITE-HMC-ALH313 Datasheet
188Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH476 HITTITE-HMC-ALH476 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC943LP5E HITTITE-HMC943LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
HMC504LC4B HITTITE-HMC504LC4B Datasheet
911Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC943LP5E HITTITE-HMC943LP5E_11 Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
HMC-ALH313 HITTITE-HMC-ALH313_09 Datasheet
187Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
HMC-APH462 HITTITE-HMC-APH462_09 Datasheet
235Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
logo
Analog Devices
HMC-APH460 AD-HMC-APH460 Datasheet
311Kb / 6P
GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com