Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2092N Datasheet (PDF) - Toshiba Semiconductor

TA2092N Datasheet PDF - Toshiba Semiconductor
Part # TA2092N
Download  TA2092N Download
File Size   263.07 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description POWER DRIVER IC FOR CD PLAYER

TA2092N Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2092N Datasheet PDF - Toshiba Semiconductor

Part # TA2092N
Download  TA2092N Click to download

File Size   263.07 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description POWER DRIVER IC FOR CD PLAYER

TA2092N Datasheet (HTML) - Toshiba Semiconductor


TA2092N Product details

The TA2092N is a power driver IC developed for CD players. This IC have built-in 4 channel BTL power amplifiers which drives focus-coil, tracking-coil for 3-beam pick-up head, disc motor and feed motor.





Features

4 channel BTL linear drivers

Fixed voltage gain: GV= 15dB (typ.)

High output power

   : VOM1= 5 Vp-p(typ.) @VCC= 5 V, RL= 5 Ω

   : VOM2= 6 Vp-p(typ.) @VCC= 6 V, RL= 5 Ω

Thermal shutdown circuit

Input reference voltage short protection

Operating voltage range: VCC (opr)= 4.0~10.0 V (Ta = 25°C)




Similar Part No. - TA2092N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2092N TOSHIBA-TA2092N Datasheet
165Kb / 7P
Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
Power Driver IC for CD Player
More results


Similar Description - TA2092N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
POWER DRIVER IC FOR CD PLAYER
TA8212F TOSHIBA-TA8212F Datasheet
253Kb / 6P
4CH POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
Power Driver IC for CD Player
logo
Rohm
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
Power driver for CD player
BA5962FVM ROHM-BA5962FVM Datasheet
80Kb / 5P
Power driver for CD player
logo
Toshiba Semiconductor
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
Power Driver IC for CD Player
logo
Rohm
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
POWER DRIVER FOR CD PLAYER
logo
Toshiba Semiconductor
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
Power Driver IC for CD Player
TA2125AF TOSHIBA-TA2125AF_03 Datasheet
118Kb / 7P
Power Driver IC for CD Player
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com