Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12RS103C Datasheet (PDF) - Murata Power Solutions Inc.

12RS103C Datasheet PDF - Murata Power Solutions Inc.
Part # 12RS103C
Download  12RS103C Download
File Size   132.32 Kbytes
Page   3 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Through Hole Radial Lead Shielded Inductors

12RS103C Datasheet (PDF)

Go To PDF Page Download Datasheet
12RS103C Datasheet PDF - Murata Power Solutions Inc.

Part # 12RS103C
Download  12RS103C Click to download

File Size   132.32 Kbytes
Page   3 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Through Hole Radial Lead Shielded Inductors

12RS103C Datasheet (HTML) - Murata Power Solutions Inc.


12RS103C Product details

DESCRIPTION
The 1200RS Series of inductors is suitable for power line fi ltering in low to medium current applications such as switching power supply circuits. The integral ferrite shield makes these devices ideal for protecting circuits susceptible to EMI.
For lower current versions with the same footprint see our 1200LRS Series.

FEATURES
■ RoHS compliant
■ Radial format
■ Integral EMI shield
■ Compact size
■ Up to 4.6A IDC
■ 10μH to 1mH
■ Low DC resistance
■ UL 94V-0 materials
■ Backward compatible with Sn/Pb soldering systems




Similar Part No. - 12RS103C

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
12R0J OHMITE-12R0J Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
Elma Electronic Ltd
12R105OPXX38N5HCB4 ELMA-12R105OPXX38N5HCB4 Datasheet
163Kb / 3P
12R1 Rugged Chassis - Low Weight
12R107OP9F78N5VGD ELMA-12R107OP9F78N5VGD Datasheet
163Kb / 3P
12R1 Rugged Chassis - Low Weight
12R120PXA8Y5VCJ2 ELMA-12R120PXA8Y5VCJ2 Datasheet
163Kb / 3P
12R1 Rugged Chassis - Low Weight
12R206OPBF58HGB4 ELMA-12R206OPBF58HGB4 Datasheet
149Kb / 2P
12R2 5U, Front Loaded
More results


Similar Description - 12RS103C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FSR1013 BOURNS-FSR1013 Datasheet
132Kb / 1P
Radial Shielded Inductors
logo
Abracon Corporation
AIAS-01 ABRACON-AIAS-01 Datasheet
119Kb / 4P
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
logo
ECM Electronics Limited...
FS1012 ECM-FS1012 Datasheet
73Kb / 3P
Shielded Radial Inductors
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
RS1014-102-KBW RCD-RS1014-102-KBW Datasheet
27Kb / 1P
SHIELDED RADIAL LEAD INDUCTORS
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
Radial lead through-hole fuses
logo
Murata Power Solutions ...
1200LRS MURATA-PS-1200LRS Datasheet
134Kb / 3P
Through Hole Radial Lead Shielded Inductors
logo
Bourns Electronic Solut...
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
Radial Shielded Inductors
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com