Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM6353 Datasheet (PDF) - Gamma Microelectronics Inc.

GM6353 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM6353
Download  GM6353 Download
File Size   69.34 Kbytes
Page   7 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR

GM6353 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6353 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM6353
Download  GM6353 Click to download

File Size   69.34 Kbytes
Page   7 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR

GM6353 Datasheet (HTML) - Gamma Microelectronics Inc.


GM6353 Product details

Description

GM6353 series is a group of positive voltage output, three-pin regulators, that provide a high current even when the input/output voltage differential is small. Low power consumption and high accuracy is achieved through CMOS and programmable fuse technologies, with the output voltage range from 1.5V to 6.0V GM6353 consists of a high precision voltage reference, an error correction circuit, and a current limited output driver. Transient response to load variations has been improved in comparison to the existing series. The GM6353 incorporates both over temperature and over current protection.



Features

♦ Maximum output current up 450mA

♦ Output voltage from 1.5V to 6.0V in 0.1V increments

♦ Output voltage accuracy : ±2%

♦ CMOS low power consumption, typically 15µA

♦ Input stability: typically 0.2%/V

♦ Ultra low dropout voltage, 0.1V @ IOUT = 100mA



Application

  Palmtops

  Portable Cameras

  Video Recorders

  Battery Powered Equipment

  Reference Voltage Sources



 




Similar Part No. - GM6353

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350 Datasheet
161Kb / 5P
300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
GM6350-1.5ST23RG GAMMA-GM6350-1.5ST23RG Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5ST89R GAMMA-GM6350-1.5ST89R Datasheet
161Kb / 5P
300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
GM6350-1.5ST89RG GAMMA-GM6350-1.5ST89RG Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5T92BG GAMMA-GM6350-1.5T92BG Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Similar Description - GM6353

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
1.5A Ultra Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
450mA LOW DROPOUT REGULATOR
MAY 2007
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com