Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2120FN Datasheet (PDF) - Toshiba Semiconductor

TA2120FN Datasheet PDF - Toshiba Semiconductor
Part # TA2120FN
Download  TA2120FN Download
File Size   555.1 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)

TA2120FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2120FN Datasheet PDF - Toshiba Semiconductor

Part # TA2120FN
Download  TA2120FN Click to download

File Size   555.1 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)

TA2120FN Datasheet (HTML) - Toshiba Semiconductor


TA2120FN Product details

LOW CONSUMPTION CURRENT STEREO HEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)

The TA2120FN is a low consumption current stereo headphone power amplifier developed for portable CD players (3V). This IC has active bass boost, output limiter, input pin for beep sound.

Features
• Low consumption current: ICCQ = 1.9 mA (C-CUP) (typ.)
                                             ICCQ = 2.6 mA (OCL) (typ.)
• Two kinds of gain mode available: GV = 16dB or 8.5dB
• Output power (VCC = 2.0 V, f = 1 kHz, THD = 10%, RL = 16 Ω) Po = 8 mW (typ.)
• Low noise: Vno = −98dBV (typ.)
• Built-in the center amplifier ON/OFF function.
   (Favorable for low dissipation current in the C-Couple output configuration)
• Built-in active bass boost system
• Built-in output limiter function
• Input pin for beep sound
• Excellent ripple rejection ratio
• Built-in capacitor for reducing buzz noise
• Built-in power mute
• Built-in a power on/off switch
• Operating supply voltage range (Ta = 25°C): VCC = 1.8~4.5 V




Similar Part No. - TA2120FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
More results


Similar Description - TA2120FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA2131FL TOSHIBA-TA2131FL Datasheet
857Kb / 21P
LOW CURRENT CONSUMPTION GEADPHONE AMPLIFIER FOR PORTABLE MD PLAYER (WITH BASS BOOST FUNCTION)
TA2145F TOSHIBA-TA2145F Datasheet
572Kb / 15P
3V STEREO GEADPHONE AMPLIFIER (3V USE)
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2131FLG TOSHIBA-TA2131FLG Datasheet
438Kb / 21P
Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com