Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY56020R Datasheet (PDF) - Micrel Semiconductor

SY56020R Datasheet PDF - Micrel Semiconductor
Part # SY56020R
Download  SY56020R Download
File Size   430.51 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization

SY56020R Datasheet (PDF)

Go To PDF Page Download Datasheet
SY56020R Datasheet PDF - Micrel Semiconductor

Part # SY56020R
Download  SY56020R Click to download

File Size   430.51 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization

SY56020R Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - SY56020R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020RMG MICREL-SY56020RMG Datasheet
472Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020RMGTR MICREL-SY56020RMGTR Datasheet
472Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results


Similar Description - SY56020R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
SY56572XR_1009 MICREL-SY56572XR_1009 Datasheet
336Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com