Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA4001 Datasheet (PDF) - Toshiba Semiconductor

TA4001 Datasheet PDF - Toshiba Semiconductor
Part # TA4001
Download  TA4001 Download
File Size   137.95 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description VHF UHF WIDE BAND AMPLIFIER

TA4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA4001 Datasheet PDF - Toshiba Semiconductor

Part # TA4001
Download  TA4001 Click to download

File Size   137.95 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description VHF UHF WIDE BAND AMPLIFIER

TA4001 Datasheet (HTML) - Toshiba Semiconductor


TA4001 Product details

Features

Band width: 2.4 GHz (typ.) (3dB down)

High gain: |S21|2 = 12.5dB (typ.) (f = 500 MHz)

50 Ω Input and output impedance

Small package




Similar Part No. - TA4001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F Datasheet
314Kb / 5P
VHF~UHF Wide Band Amplifier
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
VHF~UHF Wide Band Amplifier
More results


Similar Description - TA4001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
Nov 1988
logo
Toshiba Semiconductor
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
VHF~UHF WIDE BAND AMPLIFIER
TA4003F TOSHIBA-TA4003F Datasheet
168Kb / 5P
VHF~UHF WIDE BAND AMPLIFIER
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
VHF~UHF WIDE BAND AMPLIFIER
logo
Hitachi Semiconductor
2SC5140 HITACHI-2SC5140 Datasheet
60Kb / 8P
VHF / UHF wide band amplifier
logo
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
VHF~UHF Wide Band Amplifier
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
VHF~UHF Wide Band Amplifier
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
BFY90 NJSEMI-BFY90 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com