Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86E04 Datasheet (PDF) - Zilog, Inc.

Z86E04 Datasheet PDF - Zilog, Inc.
Part # Z86E04
Download  Z86E04 Download
File Size   214.77 Kbytes
Page   44 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 OTP MICROCONTROLLERS

Z86E04 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86E04 Datasheet PDF - Zilog, Inc.

Part # Z86E04
Download  Z86E04 Click to download

File Size   214.77 Kbytes
Page   44 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS Z8 OTP MICROCONTROLLERS

Z86E04 Datasheet (HTML) - Zilog, Inc.


Z86E04 Product details

Z8 CPU Product Overview
The ZiLOG Z8 microcontroller (MCU) product line continues to expand with new product introductions. ZiLOG MCU products are targeted for cost-sensitive, high-volume applications including consumer, automotive, security, and HVAC. It includes ROM-based products geared for high volume production (where software is stable) and one-time programmable (OTP) equivalents for prototyping as well as volume production where time to market or code flexibility is critical (see Table 1 on page 4). A variety of packaging options are available including plastic DIP, SOIC, PLCC, and QFP.
A generalized Z8 CPU® block diagram is shown in Figure 1. The same on-chip peripherals are used across the MCU product line with the primary differences being the amount of ROM/RAM, number of I/O lines present, and packaging/temperature ranges available. This allows code written for one MCU device to be easily ported to another family member.

Key Features
General-Purpose Register File. Every RAM register acts like an accumulator, speeding instruction execution and maximizing coding efficiency. Working register groups allow fast context switching.

Flexible I/O. I/O byte, nibble, and/or bit programmable as inputs or outputs. Outputs are software programmable as open-drain or push–pull on a port basis. Inputs are Schmitt-triggered with autolatches to hold unused inputs at a known voltage state.

Analog Inputs. Three input pins are software programmable as digital or analog inputs. When in analog mode, two comparator inputs are provided with a common reference input. These inputs are ideal for a variety of common functions, including threshold level detection, analog-to-digital conversion, and short circuit detection. Each analog input provides a unique maskable interrupt input.

Timer/Counter. The Timer/Counter (T/C) consists of a programmable 6-bit prescaler and 8-bit downcounter, with maskable interrupt upon end-of-count. Software controls T/C load/start/stop, countdown read (at any time on the fly), and maskable end-of-count interrupt. Special functions available include TIN (external counter input, external gate input, or external trigger input) and TOUT (external access to timer output or the internal system clock.) These special functions allow accurate hardware input pulse measurement and output waveform generation.

Interrupts. There are six vectored interrupt sources with software-programmable enable and priority for each of the six sources.

Watch–Dog Timer. An internal Watch–Dog Timer (WDT) circuit is included as a fail-safe mechanism so that if software strays outside the bounds of normal operation, the WDT will time-out and reset the MCU. To maximize circuit robustness and reliability, the default WDT clock source is an internal RC circuit (isolated from the device clock source).

Auto Reset/Low-Voltage Protection. All family devices have internal Power-On Reset. ROM devices add low-voltage protection. Low-voltage protection ensures the MCU is in a known state at all times (in active RUN mode or RESET) without external hardware (or a device reset pin).

Low-EMI Operation. Mode is programmable via software or as a mask option. This new option provides for reduced radiated emission via clock and output drive circuit changes.

Low-Power. CMOS with two standby modes; STOP and HALT.

Full Z8 Instruction Set. Forty-eight basic instructions, supported by six addressing modes with the ability to operate on bits, nibbles, bytes, and
words.




Similar Part No. - Z86E04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E04 ZILOG-Z86E04 Datasheet
305Kb / 38P
Z8 CMOS OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
1Mb / 348P
General-Purpose Register File. Flexible I/O. Analog Inputs
logo
List of Unclassifed Man...
Z86E04 ETC-Z86E04 Datasheet
873Kb / 71P
General-Purpose OTP MCU with 14 I/O LInes
Z86E0412HEC1995 ETC-Z86E0412HEC1995 Datasheet
873Kb / 71P
General-Purpose OTP MCU with 14 I/O LInes
Z86E0412HSC1995 ETC-Z86E0412HSC1995 Datasheet
873Kb / 71P
General-Purpose OTP MCU with 14 I/O LInes
More results


Similar Description - Z86E04

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
CMOS Z8 OTP MICROCONTROLLERS
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
CMOS Z8 OTP Microcontrollers
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
CMOS Z8 OTP Microcontroller
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
Z8 CMOS OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
CMOS Z8 OTP Microcontrollers
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
CMOS Z8 OTP MICROCONTROLLERS
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com