Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5602 Datasheet (PDF) - Clare, Inc.

CPC5602 Datasheet PDF - Clare, Inc.
Part # CPC5602
Download  CPC5602 Download
File Size   85.3 Kbytes
Page   3 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description N Channel Depletion Mode FET

CPC5602 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC5602 Datasheet PDF - Clare, Inc.

Part # CPC5602
Download  CPC5602 Click to download

File Size   85.3 Kbytes
Page   3 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description N Channel Depletion Mode FET

CPC5602 Datasheet (HTML) - Clare, Inc.


CPC5602 Product details

Description
The CPC5602 is an N-channel depletion mode Field Effect Transistor (FET) that utilizes Clare’s proprietary third generation vertical DMOS process. The third generation process realizes world class, high voltage MOSFET performance in an economical silicon gate process. The vertical DMOS process yields a highly reliable device, particularly in difficult application environments such as telecommunications, security, and power supplies.

Features
• 350V Drain-to-Source Voltage
• Depletion Mode Device Offers Low RDS(on) at Cold Temperatures
• Low On-resistance: 8Ω (Typical) @ 25°C
• Low VGS(off) Voltage: -2.0V to -3.6V
• High Input Impedance
• Low Input and Output Leakage
• Small Package Size SOT-223
• PC Card (PCMCIA) Compatible
• PCB Space and Cost Savings

Applications
• Support Component for LITELINK™ Data Access Arrangement (DAA)
• Telecommunications
• Normally On Switches
• Ignition Modules
• Converters
• Security
• Power Supplies




Similar Part No. - CPC5602

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602 CLARE-CPC5602 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5602C CLARE-CPC5602C Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602C IXYS-CPC5602C Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Similar Description - CPC5602

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3714 CLARE-CPC3714 Datasheet
130Kb / 5P
N-Channel Depletion-Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com