Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5622 Datasheet (PDF) - Clare, Inc.

CPC5622 Datasheet PDF - Clare, Inc.
Part # CPC5622
Download  CPC5622 Download
File Size   728.77 Kbytes
Page   18 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description LITELINK짰 III Phone Line Interface IC (DAA)

CPC5622 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC5622 Datasheet PDF - Clare, Inc.

Part # CPC5622
Download  CPC5622 Click to download

File Size   728.77 Kbytes
Page   18 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description LITELINK짰 III Phone Line Interface IC (DAA)

CPC5622 Datasheet (HTML) - Clare, Inc.


CPC5622 Product details

Description
LITELINK III is a single-package silicon phone line interface (PLI) DAA used in voice and data communication applications to make connections between low-voltage equipment and high-voltage telephone networks.

Features
• Superior voice solution with low noise and excellent part-to-part gain accuracy
• 3 kVRMS line isolation
• Simultaneous ringing detection and CID monitoring for worldwide applications
• Provides both full-wave ringing detect and half-wave ringing detect for maximum versatility
• Transmit power of up to +10 dBm into 600 Ω
• Data access arrangement (DAA) solution for modem speeds up to V.92
• 3.3V or 5 V power supply operation
• Easy interface with modem ICs and voice CODECs
• Worldwide dial-up telephone network compatibility
• CPC5622 can be used in circuits that comply with the requirements of TIA/EIA/IS-968 (FCC part 68), UL60950 (UL1950), EN/IEC 60950-1 Supplementary Isolation Compliant, IEC60950, EN55022B, CISPR22B, EN55024, and TBR-21
• Line-side circuit powered from telephone line
• Compared to other silicon DAA solutions, LITELINK:
    - Uses fewer passive components
    - Takes up less printed-circuit board space
    - Uses less telephone line power
    - Is a single-IC solution

Applications
• Computer telephony and gateways, such as VoIP
• PBXs
• Satellite and cable set-top boxes
• V.92 (and other standard) modems
• Fax machines
• Voicemail systems
• Embedded modems for POS terminals, automated banking, remote metering, vending machines, security, and surveillance




Similar Part No. - CPC5622

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
Phone Line Interface IC (DAA)
CPC5622-EVAL-600R IXYS-CPC5622-EVAL-600R Datasheet
300Kb / 11P
LITELINK III Evaluation Board
CPC5622A IXYS-CPC5622A Datasheet
500Kb / 18P
Phone Line Interface IC (DAA)
CPC5622ATR IXYS-CPC5622ATR Datasheet
500Kb / 18P
Phone Line Interface IC (DAA)
More results


Similar Description - CPC5622

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
Phone Line Monitor (PLM) IC
logo
fujitsu semiconductor
MB4752A FUJITSU-MB4752A Datasheet
652Kb / 11P
SUBSCRIBER LINE INTERFACE IC
logo
Agilent(Hewlett-Packard...
HCPL-810J HP-HCPL-810J Datasheet
320Kb / 16P
PLC Powerline DAA IC
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
Speaker Phone IC
logo
Clare, Inc.
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
Phone Line Monitor (PLM) IC
logo
Superworld Electronics
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
PHONE LINE FILTER
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
Phone Line Interface IC (DAA)
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
PHONE LINE FILTER
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com