Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7508 Datasheet (PDF) - Clare, Inc.

CPC7508 Datasheet PDF - Clare, Inc.
Part # CPC7508
Download  CPC7508 Download
File Size   398.9 Kbytes
Page   14 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Line Card Access Switch

CPC7508 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC7508 Datasheet PDF - Clare, Inc.

Part # CPC7508
Download  CPC7508 Click to download

File Size   398.9 Kbytes
Page   14 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Line Card Access Switch

CPC7508 Datasheet (HTML) - Clare, Inc.


CPC7508 Product details

Description
The CPC7508 is a member of Clare’s next generation Line Card Access Switch family. When used with ringing SLICs it provides the necessary functions to replace the two 2-Form-C electromechanical test relays used in contemporary Fiber To The Home (FTTH) and Optical Network Unit (ONU) deployments as well as Voice over IP (VoIP) telephony terminals.

Features
• TTL logic level inputs for 3.3V logic interfaces
• Smart logic for power up / hot plug state control
• Monolithic IC reliability
• Low matched RON
• Clean, bounce-free switching
• Tertiary protection consisting of integrated current limiting and thermal shutdown for SLIC protection
• +12.5V operation with power consumption ≤25mW
• Latched logic level inputs, no external drive circuitry required
• Small 16-pin SOIC

Applications
• Fiber to the Home (FTTH)
• Fiber in the Loop (FITL)
• VoIP Gateways
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)




Similar Part No. - CPC7508

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7512 IXYS-CPC7512 Datasheet
299Kb / 18P
Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
CPC7512Z IXYS-CPC7512Z Datasheet
299Kb / 18P
Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
CPC7512ZTR IXYS-CPC7512ZTR Datasheet
299Kb / 18P
Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
CPC7514 IXYS-CPC7514 Datasheet
297Kb / 15P
Quad High Voltage Isolated Analog Switch Array
CPC7514Z IXYS-CPC7514Z Datasheet
297Kb / 15P
Quad High Voltage Isolated Analog Switch Array
More results


Similar Description - CPC7508

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com