Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX887P Datasheet (PDF) - Clare, Inc.

MX887P Datasheet PDF - Clare, Inc.
Part # MX887P
Download  MX887P Download
File Size   272.3 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 關Power Hall-Effect Switch

MX887P Datasheet (PDF)

Go To PDF Page Download Datasheet
MX887P Datasheet PDF - Clare, Inc.

Part # MX887P
Download  MX887P Click to download

File Size   272.3 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 關Power Hall-Effect Switch

MX887P Datasheet (HTML) - Clare, Inc.


MX887P Product details

Description
The MX887P integrated Hall-Effect switch targets the requirements of low-power portable devices with battery operating voltages from 2.5V to 5.5V. On-chip power management circuitry reduces the effective average current to just 5μA at VSUPPLY = 3VDC .

Features
• μPower Operation (15 μW typical at 25°C)
• Omnipolar (switches with N or S pole)
• 2.5V to 5.5V Operation
• CMOS Push-Pull Output
• Ultra Low Offset Canceling Amplifiers Provide
    Sensitive, Accurate, Stable Switching Points and
    Immunity to Mechanical Stress
• Solid State Reliability
• Operating Temperature Range: -40°C to +85°C
• RoHS Compliant TSOT-23 3-Lead Package

Applications
• Handheld Portable Devices
• White Goods
• Automotive - Body Systems
• Security Systems
• High Reliability Reed Switch Replacement




Similar Part No. - MX887P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX887PHTTR IXYS-MX887PHTTR Datasheet
151Kb / 6P
uPower Operation (15uW typical at 25째C)
MX887P IXYS-MX887P_17 Datasheet
151Kb / 6P
uPower Operation (15uW typical at 25째C)
More results


Similar Description - MX887P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
210Kb / 9P
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
logo
Clare, Inc.
MX887D CLARE-MX887D Datasheet
271Kb / 6P
關Power Hall-Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com