Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CK Datasheet (PDF) - Integrated Device Technology

ICS1893CK Datasheet PDF - Integrated Device Technology
Part # ICS1893CK
Download  ICS1893CK Download
File Size   1387.14 Kbytes
Page   127 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3-V 10Base-T/100Base-TX Integrated PHYceiver?

ICS1893CK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1893CK Datasheet PDF - Integrated Device Technology

Part # ICS1893CK
Download  ICS1893CK Click to download

File Size   1387.14 Kbytes
Page   127 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3-V 10Base-T/100Base-TX Integrated PHYceiver?

ICS1893CK Datasheet (HTML) - Integrated Device Technology


ICS1893CK Product details

General

The ICS1893CF is a low-power, physical-layer device (PHY) that supports the ISO/IEC 10Base-T and 100Base-TX Carrier-Sense Multiple Access/Collision Detection (CSMA/CD) Ethernet standards, ISO/IEC 8802-3. The ICS1893CF is intended for MII, Node applications that require the Auto-MDIX feature that automatically corrects crossover errors in plant wiring.



Features

• Supports category 5 cables with attenuation in excess of 24dB at 100 MHz.

• Single-chip, fully integrated PHY provides PCS, PMA, PMD, and AUTONEG sub layers functions of IEEE standard.

• 10Base-T and 100Base-TX IEEE 8802.3 compliant

• Single 3.3V power supply

• Highly configurable, supports:

– Media Independent Interface (MII)

– Auto-Negotiation with Parallel detection

– Node applications, managed or unmanaged

– 10M or 100M full and half-duplex modes

– Loopback mode for Diagnostic Functions

– Auto-MDI/MDIX crossover correction

• Low-power CMOS (typically 400 mW)

• Power-Down mode typically 21mW

• Clock and crystal supported

• Fully integrated, DSP-based PMD includes:

– Adaptive equalization and baseline-wander correction

– Transmit wave shaping and stream cipher scrambler

– MLT-3 encoder and NRZ/NRZI encoder

• Small footprint 48-pin 300 mil. SSOP package

• Also available in small footprint 56-pin 8x8 MLF2 package

• Available in Industrial Temp and Lead Free




Similar Part No. - ICS1893CK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893CK ICST-ICS1893CK Datasheet
1Mb / 126P
3.3-V 10Base-T/100Base-TX Integrated PHYceive
Rev.
logo
Integrated Device Techn...
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893CKI ICST-ICS1893CKI Datasheet
1Mb / 126P
3.3-V 10Base-T/100Base-TX Integrated PHYceive
Rev.
ICS1893CKILF ICST-ICS1893CKILF Datasheet
1Mb / 126P
3.3-V 10Base-T/100Base-TX Integrated PHYceive
Rev.
logo
Renesas Technology Corp
ICS1893CKILF RENESAS-ICS1893CKILF Datasheet
858Kb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver™
May, 2010
More results


Similar Description - ICS1893CK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev C 6/6/00
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev B 9/10/99
ICS1893BY-10 ICST-ICS1893BY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev A 3/24/04
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
logo
Integrated Device Techn...
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev D 8/11/09
logo
Integrated Device Techn...
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893AFLF IDT-ICS1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com