Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8524 Datasheet (PDF) - Integrated Device Technology

ICS8524 Datasheet PDF - Integrated Device Technology
Part # ICS8524
Download  ICS8524 Download
File Size   203.38 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER

ICS8524 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8524 Datasheet PDF - Integrated Device Technology

Part # ICS8524
Download  ICS8524 Click to download

File Size   203.38 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER

ICS8524 Datasheet (HTML) - Integrated Device Technology


ICS8524 Product details

GENERAL DESCRIPTION
The ICS8524 is a low skew, 1-to-22 Differentialto-HSTL Fanout Buffer and a member of the HiPerClockS™ Family of High Performance Clock Solutions from ICS. The ICS8524 has two selectable clock inputs. The CLK, nCLK pair can accept most standard differential input levels. The PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels. The device is internally synchronized to eliminate runt pulses on the outputs during asynchronous assertion/deassertion of the OE pin. The ICS8524’s low output and part-to-part skew characteristics make it ideal for workstation, server, and other high performance clock distribution applications.

FEATURES
• 22 differential HSTL outputs each with the ability to drive 50Ω to ground
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential input levels: LVPECL, LVDS, HSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types: LVPECL, CML, SSTL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal (LVCMOS, LVTTL, GTL) to HSTL levels with resistor bias on nCLK input
• Output skew: 80ps (maximum)
• Part-to-part skew: 700ps (maximum)
• Jitter, RMS: 0.04ps (typical)
• LVPECL and HSTL mode operating voltage supply range: VDD = 3.3V ± 5%, VDDO = 1.6V to 2V, GND = 0V
• 0°C to 85°C ambient operating temperature
• Pin compatible with the SY89824L and NB100EP223




Similar Part No. - ICS8524

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8524AY ICST-ICS8524AY Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8524AYT ICST-ICS8524AYT Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
More results


Similar Description - ICS8524

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 17, 2005
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com