Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ150N Datasheet (PDF) - eupec GmbH

TZ150N Datasheet PDF - eupec GmbH
Part # TZ150N
Download  TZ150N Download
File Size   461.44 Kbytes
Page   13 Pages
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH
Description Netz-Thyristor-Modul Phase Control Thyristor Module

TZ150N Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ150N Datasheet PDF - eupec GmbH

Part # TZ150N
Download  TZ150N Click to download

File Size   461.44 Kbytes
Page   13 Pages
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH
Description Netz-Thyristor-Modul Phase Control Thyristor Module

TZ150N Datasheet (HTML) - eupec GmbH




Similar Part No. - TZ150N

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1503A TAI-SAW-TZ1503A Datasheet
439Kb / 7P
SMD 3.2x2.5 14.7456MHz Crystal Unit
REV. NO.: 3
TZ1504A TAI-SAW-TZ1504A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 2
TZ1505A TAI-SAW-TZ1505A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 28.322MHz
REV. NO.: 2
TZ1506A TAI-SAW-TZ1506A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 20.00MHz
REV. NO.: 2
TZ1508A TAI-SAW-TZ1508A Datasheet
361Kb / 7P
SMD 5.0x3.2 28.63636MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ150N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT106N EUPEC-TT106N Datasheet
404Kb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
TT70N EUPEC-TT70N_02 Datasheet
417Kb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
TT140N EUPEC-TT140N Datasheet
411Kb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
TT162N EUPEC-TT162N Datasheet
416Kb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
TT215N EUPEC-TT215N Datasheet
419Kb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
ETT420N22P60 INFINEON-ETT420N22P60 Datasheet
429Kb / 11P
Netz-Thyristor-Modul Phase Control Thyristor Module
2018-07-30 Revision: 3.1
TT104N INFINEON-TT104N Datasheet
755Kb / 11P
Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
TT570N18KOF INFINEON-TT570N18KOF Datasheet
550Kb / 11P
Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-12 Revision: 3.1
TT92N INFINEON-TT92N Datasheet
755Kb / 11P
Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
More results




About eupec GmbH


Eupec GmbH is a German company that specializes in the development, manufacturing, and sale of power semiconductors and modules. The company was founded in 1976 and is headquartered in Warstein, Germany.

Eupec's products are used in various applications, including power generation, transmission, and distribution, as well as in industrial, automotive, and aerospace industries. The company's product portfolio includes high-power diodes, thyristors, IGBTs (Insulated Gate Bipolar Transistors), and power modules.

In 1999, Eupec was acquired by Infineon Technologies AG, a German semiconductor company. Today, Eupec operates as a business unit of Infineon and is responsible for the development and manufacturing of power semiconductors and modules.

Eupec is well-known in the industry for its high-quality products and technical expertise. The company has a strong focus on research and development and works closely with customers to develop customized solutions that meet their specific requirements.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com