Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F32 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25F32 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25F32
Download  EN25F32 Download
File Size   666.09 Kbytes
Page   40 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F32 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25F32 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25F32
Download  EN25F32 Click to download

File Size   666.09 Kbytes
Page   40 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector

EN25F32 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25F32 Product details

GENERAL DESCRIPTION

The EN25F32 is a 32M-bit (4096K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

The EN25F32 is designed to allow either single Sector/Block at a time or full chip erase operation. The EN25F32 can be configured to protect part of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on each sector or block.



FEATURES

• Single power supply operation

- Full voltage range: 2.7-3.6 volt

• Serial Interface Architecture

- SPI Compatible: Mode 0 and Mode 3

• 32 Mbit Serial Flash

- 32 M-bit/4096 K-byte/16384 pages

- 256 bytes per programmable page

• High performance

- 100MHz clock rate

• Low power consumption

- 12 mA typical active current

- 1 μA typical power down current

• Uniform Sector Architecture:

- 1024 sectors of 4-Kbyte

- 64 blocks of 64-Kbyte

- Any sector or block can be erased individually

• Software and Hardware Write Protection:

- Write Protect all or portion of memory via software

- Enable/Disable protection with WP# pin

• High performance program/erase speed

- Page program time: 1.3ms typical

- Sector erase time: 90ms typical

- Block erase time 500ms typical

- Chip erase time: 25 Seconds typical

• Lockable 512 byte OTP security sector

• Minimum 100K endurance cycle

• Package Options

- 8 pins SOP 200mil body width

- 8 contact VDFN

- 8 pins PDIP

- 16 pin SOP 300mil body width

- All Pb-free packages are RoHS compliant

• Industrial temperature Range




Similar Part No. - EN25F32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F05 EON-EN25F05 Datasheet
422Kb / 31P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05 EON-EN25F05 Datasheet
1Mb / 32P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05-100GI EON-EN25F05-100GI Datasheet
422Kb / 31P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05-100GIP EON-EN25F05-100GIP Datasheet
422Kb / 31P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F05-100GIP EON-EN25F05-100GIP Datasheet
1Mb / 32P
512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Similar Description - EN25F32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F16 EON-EN25F16 Datasheet
455Kb / 35P
16 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20 Datasheet
415Kb / 30P
2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40_1 Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10_11 Datasheet
553Kb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40_1 Datasheet
1Mb / 35P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com