Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT224 Datasheet (PDF) - ATMEL Corporation

MXT224 Datasheet PDF - ATMEL Corporation
Part # MXT224
Download  MXT224 Download
File Size   150.87 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description maXTouch 224-channel Touchscreen Sensor IC

MXT224 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXT224 Datasheet PDF - ATMEL Corporation

Part # MXT224
Download  MXT224 Click to download

File Size   150.87 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description maXTouch 224-channel Touchscreen Sensor IC

MXT224 Datasheet (HTML) - ATMEL Corporation


MXT224 Product details

Features
• maXTouch™ Touchscreen
– True 12-bit multi-touch with independent XY tracking for up to 10 concurrent
touches in real time with touch size reporting
– Up to 4.3 inch diagonal screen size supported with 10 mm “pinch” separation
– Up to 10.1 inch support with correspondingly wider “pinch”
• Number of Channels
– Up to 224 (subject to other configuration limitations)
– Electrode grid configurations up to 20 X by 10 Y lines supported (subject to 30
total pins and a maximum of 14 Y lines)
• maXTouch Touch Key Support
– Up to 32 channels can be allocated as fixed keys (subject to other configurations)
• Zero Additional Part Count
– 16 X by 14 Y matrix (224 channels) implementable with power bypass capacitors only
• Signal Processing
– Advanced digital filtering using both hardware engine and firmware
– Self-calibration
– Auto drift compensation
– Adjacent Key Suppression® (AKS™) technology
– Grip and face suppression
– Reports one-touch and two-touch gestures
– Down-scaling and clipping support to match LCD resolution
– Ultra-fast start-up and calibration for best user experience
– Supports axis flipping and axis switch-over for portrait and landscape modes
• Scan Speed
– Maximum single touch >250Hz, subject to configuration
– Configurable to allow power/speed optimization
– Programmable timeout for automatic transition from active to idle states
• Response Times
– Initial latency <10 ms for first touch from idle, subject to configuration
• Sensors
– Works with PET or glass sensors
– Works with all proprietary sensor patterns recommended by Atmel®
– Works with passive stylus
• Panel Thickness
– Glass up to 3 mm, screen size dependent
– Plastic up to 1.5 mm, screen size dependent
• Interface
– I2C-compatible slave mode 400 kHz
• Dual-rail Power
– Interface 1.8V to 3.3V nominal, analog 2.7V to 3.3V nominal
• Power Consumption
– Idle 80Hz: <1.8 mW, subject to configuration
– One Touch Active 80Hz: 3.9 mW, subject to configuration
– Sleep: 4.5 µW
• Package
– 49-ball UFBGA 5 x 5 x 0.6 mm, 0.65 ball pitch
– 49-ball VFBGA 5 x 5 x 1 mm, 0.65 ball pitch
– 48-pin QFN 6 x 6 x 0.6 mm, 0.4 mm pin pitch




Similar Part No. - MXT224

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MXT2 MERITEK-MXT2 Datasheet
444Kb / 3P
32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork
Rev.3c 03/15/24
logo
List of Unclassifed Man...
MXT211 ETC-MXT211 Datasheet
504Kb / 7P
Two-phase DC brushless motor drive circuit
logo
Schurter Inc.
MXT250 SCHURTER-MXT250 Datasheet
354Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250 Datasheet
386Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250 Datasheet
394Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results


Similar Description - MXT224

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20 HOLTEK-HT6P20 Datasheet
118Kb / 9P
224 OTP Encoder
May 2, 2000
logo
Microchip Technology
MXT1664T3 MICROCHIP-MXT1664T3 Datasheet
1Mb / 98P
maXTouch 1664-node Touchscreen Controller
2018
MXT2912TD-AXUW MICROCHIP-MXT2912TD-AXUW Datasheet
136Kb / 12P
maXTouch 2911-node Touchscreen Controller Product Brief
Revision A March 2021
MXT448UD-CCUBHA1 MICROCHIP-MXT448UD-CCUBHA1 Datasheet
655Kb / 76P
maXTouch 448-node Touchscreen Controller
Rev A September 2021
MXT640UD-CCU001 MICROCHIP-MXT640UD-CCU001 Datasheet
600Kb / 74P
maXTouch 640-node Touchscreen Controller
Revision A June 2021
MXT640UD-CCUBHA1 MICROCHIP-MXT640UD-CCUBHA1 Datasheet
654Kb / 76P
maXTouch 640-node Touchscreen Controller
Rev A September 2021
MXT641TD-AT MICROCHIP-MXT641TD-AT Datasheet
161Kb / 8P
maXTouch 640-node Touchscreen Controller Product Brief
Rev A August 2017
logo
NXP Semiconductors
NT2H2421G0 NXP-NT2H2421G0 Datasheet
583Kb / 61P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.0-18 February 2022
NT2H2421G0 NXP-NT2H2421G0_V01 Datasheet
555Kb / 59P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.1 - 5 April 2023
NT2H2421G0 NXP-NT2H2421G0_V02 Datasheet
557Kb / 59P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.2 - 19 October 2023
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com