Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3230 Datasheet (PDF) - Micrel Semiconductor

MIC3230 Datasheet PDF - Micrel Semiconductor
Part # MIC3230
Download  MIC3230 Download
File Size   597.61 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Constant Current Boost Controller for Driving High Power LEDs

MIC3230 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3230 Datasheet PDF - Micrel Semiconductor

Part # MIC3230
Download  MIC3230 Click to download

File Size   597.61 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Constant Current Boost Controller for Driving High Power LEDs

MIC3230 Datasheet (HTML) - Micrel Semiconductor


MIC3230 Product details

General Description  

The MIC3230/1/2 are constant current boost switching controllers specifically designed to power one or more

strings of high power LEDs. The MIC3230/1/2 have an input voltage range from 6V to 45V and are ideal for a

variety of solid state lighting applications.



Features

• 6V to 45V input supply range

• Capable of driving up to 70W

• Ultra low EMI via dithering on the MIC3231

• Programmable LED drive current

• Feedback voltage = 250mV ±3%

• Programmable switching frequency (MIC3230/1) or 400kHz fixed frequency operation (MIC3232)

• PWM Dimming and separate enable shutdown

• Frequency synchronization with other MIC3230s

• Protection features:

   Over Voltage Protection (OVP)

   Over temperature protection

   Under-voltage Lock-out (UVLO)

• Packages:

• –40°C to +125°C junction temperature range



Applications

•Street Lighting

• Solid State Lighting

•General Illumination

•Architectural Lighting

• Constant Current Power Supplies




Similar Part No. - MIC3230

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230YML MICREL-MIC3230YML Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230YML MICREL-MIC3230YML Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230YTSE MICREL-MIC3230YTSE Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
More results


Similar Description - MIC3230

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
L5107 UTC-L5107_15 Datasheet
239Kb / 8P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
Unisonic Technologies
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com