Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87 Datasheet (PDF) - ATMEL Corporation

ATtiny87 Datasheet PDF - ATMEL Corporation
Part # ATtiny87
Download  ATtiny87 Download
File Size   270.59 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

ATtiny87 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATtiny87 Datasheet PDF - ATMEL Corporation

Part # ATtiny87
Download  ATtiny87 Click to download

File Size   270.59 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

ATtiny87 Datasheet (HTML) - ATMEL Corporation


ATtiny87 Product details

Description
The ATtiny87/167 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny87/167 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 123 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• Non-volatile Program and Data Memories
   – 8K/16K Byte of In-System Programmable (ISP) Program Memory Flash Endurance: 10,000 Write/Erase Cycles
   – 512 Bytes In-System Programmable EEPROM Endurance: 100,000 Write/Erase Cycles
   – 512 Bytes Internal SRAM
   – Programming Lock for Self-Programming Flash Program and EEPROM Data Security
   – Low size LIN/UART Software In-System Programmable
• Peripheral Features
   – LIN 2.1 and 1.3 Controller or 8-Bit UART
   – 8-bit Asynchronous Timer/Counter0:
• 10-bit Clock Prescaler
• 1 Output Compare or 8-bit PWM Channel
   – 16-bit Synchronous Timer/Counter1:
• 10-bit Clock Prescaler
• External Event Counter
• 2 Output Compares Units or 16-bit PWM Channels each Driving up to 4 Ouput Pins
   – Master/Slave SPI Serial Interface,
   – Universal Serial Interface (USI) with Start Condition Detector (Master/Slave SPI, TWI, ...)
   – 10-bit ADC:
• 11 Single Ended Channels
• 8 Differential ADC Channel Pairs with Programmable Gain (8x or 20x)
   – On-chip Analog Comparator with Selectable Voltage Reference
   – 100µA ±10% Current Source (LIN Node Identification)
   – On-chip Temperature Sensor
   – Programmable Watchdog Timer with Separate On-chip Oscillator
• Special Microcontroller Features
   – Dynamic Clock Switching (External/Internal RC/Watchdog Clock) for Power Control, EMC Reduction
   – DebugWIRE On-chip Debug (OCD) System
   – Hardware In-System Programmable (ISP) via SPI Port
   – External and Internal Interrupt Sources
   – Interrupt and Wake-up on Pin Change
   – Low Power Idle, ADC Noise Reduction, and Power-down Modes
   – Enhanced Power-on Reset Circuit
   – Programmable Brown-out Detection Circuit
   – Internal Calibrated RC Oscillator 8MHz
   – 4-16 MHz and 32 KHz Crystal/Ceramic Resonator Oscillators
• I/O and Packages
   – 16 Programmable I/O Lines
   – 20-pin SOIC, 32-pad QFN and 20-pin TSSOP
• Operating Voltage:
   – 2.7 - 5.5V for ATtiny87/167
• Speed Grade:
   – 0 - 8 MHz @ 2.7 - 5.5V (Automotive Temp. Range: -40°C to +125°C)
   – 0 - 16 MHz @ 4.5 - 5.5V (Automotive Temp. Range: -40°C to +125°C)




Similar Part No. - ATtiny87

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY87 ATMEL-ATTINY87 Datasheet
4Mb / 282P
8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATTINY87 ATMEL-ATTINY87 Datasheet
5Mb / 292P
8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATtiny87 ATMEL-ATtiny87 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
ATTINY87 ATMEL-ATTINY87 Datasheet
7Mb / 261P
8-bit AVR Microcontroller with 8K/16K Bytes In-System
ATtiny87-15MZ ATMEL-ATtiny87-15MZ Datasheet
4Mb / 282P
8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
More results


Similar Description - ATtiny87

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_07 Datasheet
376Kb / 21P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216 Datasheet
782Kb / 25P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com