Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8002SA Datasheet (PDF) - Toshiba Semiconductor

TA8002SA Datasheet PDF - Toshiba Semiconductor
Part # TA8002SA
Download  TA8002SA Download
File Size   253.93 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5V VOLTAGE REGULATOR WITH RESET TIMER

TA8002SA Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8002SA Datasheet PDF - Toshiba Semiconductor

Part # TA8002SA
Download  TA8002SA Click to download

File Size   253.93 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5V VOLTAGE REGULATOR WITH RESET TIMER

TA8002SA Datasheet (HTML) - Toshiba Semiconductor


TA8002SA Product details

The TA8002S is an IC specially designed for automotive microcomputer systems. It produces an output voltage of 5±0.5V without need for adjustment from its accurate reference voltage and amplifier circuit. At power-on, it outputs a reset signal to reset the system. It will also output a reset signal when the 5V output voltage drops below 92% because of external disturbance or other problem. Since it is also designed to have a small bias current, power consumption on the system can be reduced. The TA8002AS produces an output voltage of 5±0.25V.



FEATURES

Accurate output  : 5 ± 0.5V (TA8002AS : 5 ± 0.25V)

Standby output  : 3.5V

Low bias current  : 150µA (Typ.)

Power-on reset timer

Operating temperature range  : from −40 to 85°C

Wide operating voltage range  : 40V (max.)

Small SIP-7 pin




Similar Part No. - TA8002SA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8000 TOSHIBA-TA8000 Datasheet
268Kb / 7P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000 TOSHIBA-TA8000 Datasheet
382Kb / 11P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000F TOSHIBA-TA8000F Datasheet
268Kb / 7P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8001 TOSHIBA-TA8001 Datasheet
232Kb / 7P
5V VOLTAGE REGULATOR WITH RESET TIMER
More results


Similar Description - TA8002SA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7900S TOSHIBA-TA7900S Datasheet
376Kb / 11P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8001S TOSHIBA-TA8001S Datasheet
232Kb / 7P
5V VOLTAGE REGULATOR WITH RESET TIMER
TA8004AS TOSHIBA-TA8004AS Datasheet
280Kb / 8P
5V LOW DROPOUT REGULATOR WITH RESET TIMER
TA8005F TOSHIBA-TA8005F Datasheet
297Kb / 9P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
Voltage Regulator with Watchdog Timer Reset
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com