Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0380DPA Datasheet (PDF) - Renesas Technology Corp

RJK0380DPA Datasheet PDF - Renesas Technology Corp
Part # RJK0380DPA
Download  RJK0380DPA Download
File Size   254.71 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching

RJK0380DPA Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK0380DPA Datasheet PDF - Renesas Technology Corp

Part # RJK0380DPA
Download  RJK0380DPA Click to download

File Size   254.71 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching

RJK0380DPA Datasheet (HTML) - Renesas Technology Corp


RJK0380DPA Product details

Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
   RDS(on) = 2.4 mΩ typ. (at VGS = 10 V)
• Pb-free
• Halogen-free




Similar Part No. - RJK0380DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0380DPA RENESAS-RJK0380DPA Datasheet
88Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA RENESAS-RJK0380DPA Datasheet
127Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0380DPA-00-J53 RENESAS-RJK0380DPA-00-J53 Datasheet
88Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA-00-J5A RENESAS-RJK0380DPA-00-J5A Datasheet
127Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0380DPA RENESAS-RJK0380DPA_10 Datasheet
88Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results


Similar Description - RJK0380DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0379DPA RENESAS-RJK0379DPA Datasheet
256Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0381DPA RENESAS-RJK0381DPA Datasheet
250Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C1DPB RENESAS-RJK03C1DPB Datasheet
268Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C2DPB RENESAS-RJK03C2DPB Datasheet
269Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA RENESAS-RJK0380DPA_10 Datasheet
88Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03A04DPA RENESAS-RJK03A04DPA Datasheet
88Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA Datasheet
86Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0206DPA RENESAS-RJK0206DPA Datasheet
85Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA Datasheet
101Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C1DPB RENESAS-RJK03C1DPB_15 Datasheet
277Kb / 9P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com