Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJH60D2DPP-M0 Datasheet (PDF) - Renesas Technology Corp

RJH60D2DPP-M0 Datasheet PDF - Renesas Technology Corp
Part # RJH60D2DPP-M0
Download  RJH60D2DPP-M0 Download
File Size   171.49 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT cation: Inverter

RJH60D2DPP-M0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJH60D2DPP-M0 Datasheet PDF - Renesas Technology Corp

Part # RJH60D2DPP-M0
Download  RJH60D2DPP-M0 Click to download

File Size   171.49 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT cation: Inverter

RJH60D2DPP-M0 Datasheet (HTML) - Renesas Technology Corp


RJH60D2DPP-M0 Product details

Silicon N Channel IGBT Application: Inverter



Features

Short circuit withstand time (5µs typ.)

Low collector to emitter saturation voltage

  VCE(sat)= 1.7 V typ. (at IC= 12 A, VGE= 15 V, Ta = 25°C)

Built in fast recovery diode (100 ns typ.) in one package

Trench gate and thin wafer technology

High speed switching 

  tf= 80 ns typ. (at VCC= 300 V, VGE= 15 V, IC= 12 A, Rg = 5 , Ta = 25°C, inductive load)




Similar Part No. - RJH60D2DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
600V - 12A - IGBT Application: Inverter
More results


Similar Description - RJH60D2DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0 Datasheet
171Kb / 4P
Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
Silicon N Channel IGBT Application: Inverter
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D3DPE RENESAS-RJH60D3DPE_10 Datasheet
87Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D7DPK RENESAS-RJH60D7DPK_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com