Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1M803S Datasheet (PDF) - Anaren Microwave

1M803S Datasheet PDF - Anaren Microwave
Part # 1M803S
Download  1M803S Download
File Size   183.57 Kbytes
Page   3 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Micro Xinger 3dB Hybrid Coupler

1M803S Datasheet (PDF)

Go To PDF Page Download Datasheet
1M803S Datasheet PDF - Anaren Microwave

Part # 1M803S
Download  1M803S Click to download

File Size   183.57 Kbytes
Page   3 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Micro Xinger 3dB Hybrid Coupler

1M803S Datasheet (HTML) - Anaren Microwave




Similar Part No. - 1M803S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1M803S ANAREN-1M803S Datasheet
171Kb / 4P
Micro Xinger 3dB Hybrid Coupler
1M803S ANAREN-1M803S_07 Datasheet
171Kb / 4P
Micro Xinger 3dB Hybrid Coupler
More results


Similar Description - 1M803S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1M710 ANAREN-1M710 Datasheet
138Kb / 3P
Micro Xinger 10dB Directional Coupler
1M810 ANAREN-1M810 Datasheet
126Kb / 3P
Micro Xinger 10dB Directional Coupler
1M810S ANAREN-1M810S Datasheet
521Kb / 3P
Micro Xinger 10dB Directional Coupler
logo
American Accurate Compo...
LLHB31B4-1915-G AAC-LLHB31B4-1915-G Datasheet
132Kb / 2P
SMT Hybrid Coupler 3dB 90째.
LLHB31B6-2450-G AAC-LLHB31B6-2450-G Datasheet
130Kb / 2P
SMT Hybrid Coupler 3dB 90째.
LLHB6801-0200-G AAC-LLHB6801-0200-G Datasheet
104Kb / 1P
Hybrid Coupler 3dB 90째
logo
Anaren Microwave
1M803 ANAREN-1M803 Datasheet
190Kb / 3P
Micro Xinger 3dB Hybrid Coupler
1M803S ANAREN-1M803S_07 Datasheet
171Kb / 4P
Micro Xinger 3dB Hybrid Coupler
logo
Abracon Corporation
ABHC-N-1700-2200MHZ ABRACON-ABHC-N-1700-2200MHZ Datasheet
4Mb / 3P
3dB; 90? HYBRID COUPLER
12.04.15
ABHC-S-698-1000MHZ ABRACON-ABHC-S-698-1000MHZ Datasheet
4Mb / 3P
3dB; 90? HYBRID COUPLER
12.04.15
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com