Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431A Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

TL431A Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # TL431A
Download  TL431A Download
File Size   385.02 Kbytes
Page   11 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description Programmable Output Voltage to 40V

TL431A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431A Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # TL431A
Download  TL431A Click to download

File Size   385.02 Kbytes
Page   11 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description Programmable Output Voltage to 40V

TL431A Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


TL431A Product details

DESCRIPSION
The TL431 is a three-terminal adjustable shunt regulator with specified thermal stability over applicable temperature VREF(Approx. 2.5V) and 40V with two external resistors. This device has a typical dynamic output impedance of 0.2Ω. Active output circuitry provides a very sharp turn-on characteristic, making this device excellent replacement for zener diodes in many applications. The TL431 is characterized for operation from -40℃to +125℃.

FEATURES
Programmable Output Voltage to 40V
Guaranteed 0.5% Reference Voltage Tolerance
Low (0.2Ω Typ.) Dynamic Output Impedance
Cathode Current Range(Continuous) – 100 ~ 150 mA
Equivalent Full Range Temperature Coefficient of 50PPM/℃
Temperature Compensated For Operation Over Full Rate Operating Temperature Range
Low Output Noise Voltage
Fast Turn-on Response
TO-92, SOT-89 or SOT-23 3L Package

APPLICATION
Shunt Regulator
Precision High-Current Series Regulator
High-Current Shunt Regulator
Crowbar Circuit
PWM Converter With Reference
Voltage Monitor
Precision Current Limiter




Similar Part No. - TL431A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431A TI-TL431A Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Analog Intergrations Co...
TL431A AIC-TL431A Datasheet
194Kb / 11P
Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431A TI-TL431A Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL431A UTC-TL431A Datasheet
158Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431A TI-TL431A Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - TL431A

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431XM AUK-A431XM Datasheet
368Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431XSF AUK-A431XSF Datasheet
362Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
Programmable Voltage Reference (Programmable output voltage to 20 volts)
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Estek Electronics Co. L...
TL431AM ESTEK-TL431AM Datasheet
94Kb / 3P
Programmable Output Voltage to 40V CHIP
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Hittite Microwave Corpo...
HMC955LC4B HITTITE-HMC955LC4B_12 Datasheet
1Mb / 8P
WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Texas Instruments
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
Programmable Output Voltage
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
Programmable output voltage to 36V
logo
Maxim Integrated Produc...
MAX8625AEVKIT MAXIM-MAX8625AEVKIT Datasheet
100Kb / 7P
Programmable Output Voltage from 1.25V to 4.2V
Rev 2; 4/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com