Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3154A Datasheet (PDF) - Diodes Incorporated

AP3154A Datasheet PDF - Diodes Incorporated
Part # AP3154A
Download  AP3154A Download
File Size   189.3 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Small LCD screen backlighting charge pump LED drivers

AP3154A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3154A Datasheet PDF - Diodes Incorporated

Part # AP3154A
Download  AP3154A Click to download

File Size   189.3 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Small LCD screen backlighting charge pump LED drivers

AP3154A Datasheet (HTML) - Diodes Incorporated


AP3154A Product details

General Description
The AP3154A is a high efficiency charge-pump white LED driver with 1x, 1.5x, 2x operating modes. The AP3154A operates on power supplies from 2.7v to 5.5v. It drives up to four channels of white LEDs while the intensity of each channel is configured by varying the respective current levels. Each channel can supply up to 30mA current. Up to four channels can be ganged together to provide maximum load current of 120mA. By default, all 4 channels are set to the minimum current level after the chip is enabled or back from shutdown mode.

Features
• Up to 88% Max power efficiency
• Wide input voltage range: 2.7V ~ 5.5V
• 1x, 1.5x, and 2x charge-pump modes
• Drive up to 4 white LEDs
• Default maximum current setting: 20mA each channel
• 120mA maximum output current through 4 channels
• Programmable switching frequency, default 1.2MHz
• Spread Spectrum Control with 10% frequency deviation
• 1-wire Serial Digital Interface (SDI) or PWM for dimming control
• Soft-start during power-up and mode switching
• Soft-stop during shutdown
• Short-circuit protection
• Over-voltage protection and under-voltage lockout
• Low shutdown current < 6µA
• Industry-leading low profile package
• Lead Free package: DFN3030-12
• DFN3030-12: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• Mobile Phone
• PDA (Personal Digital Assistant)
• White LED Backlighting
• Camera Flash LED Lighting
• LCD Modules
• Portable Devices




Similar Part No. - AP3154A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3154AFG-7 DIODES-AP3154AFG-7 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results


Similar Description - AP3154A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL3157 DIODES-AL3157 Datasheet
309Kb / 9P
HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
Rev 1
logo
Rohm
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com