Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8051 Datasheet (PDF) - Toshiba Semiconductor

TA8051 Datasheet PDF - Toshiba Semiconductor
Part # TA8051
Download  TA8051 Download
File Size   355.36 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3A MOTOR DRIVER WITH BRAKE FUNCTION

TA8051 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8051 Datasheet PDF - Toshiba Semiconductor

Part # TA8051
Download  TA8051 Click to download

File Size   355.36 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3A MOTOR DRIVER WITH BRAKE FUNCTION

TA8051 Datasheet (HTML) - Toshiba Semiconductor


TA8051 Product details

The TA8051P is a bidirectional DC motor driver with a current capacity of 3A. Inputs DI1 and DI2 are combined to select one of forward, reverse, stop, and brake modes. The inputs are TTL-compatible, and separate power supplies are provided for the logic and output sections. The IC also incorporates standby and various protective functions.



FEATURES

Output current capacity : 3A (max.)

Small standby current consumption : 100µA (max.)

Separate VCC supplies for output and logic control sections

Four modes : Forward, reverse, stop, and brake

Multiple protective functions : Short-circuit protection, thermal shutdown, and overvoltage shutdown

Built-in diode for counteracting counter electromotive force

Recommended operating supply voltage range: VCC = 6V to 16V、Vs = 6V to 16V

Operating temerature range : −40 to 110°C

Plastic package HZIP-12 pin




Similar Part No. - TA8051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA805 ETC1-TA805 Datasheet
170Kb / 1P
Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA805 OHMITE-TA805 Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
TA805 OHMITE-TA805 Datasheet
333Kb / 2P
High Power Density
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
1.5A MOTOR DRIVER WITH BRAKE FUNCTION
10-Feb-1998
TA8050F TOSHIBA-TA8050F Datasheet
184Kb / 9P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
27-Feb-2002
More results


Similar Description - TA8051

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54543AL MITSUBISHI-M54543AL Datasheet
24Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543ASL MITSUBISHI-M54543ASL Datasheet
231Kb / 4P
BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543L MITSUBISHI-M54543L Datasheet
42Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54544L MITSUBISHI-M54544L Datasheet
80Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54641L MITSUBISHI-M54641L Datasheet
79Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
1.5A MOTOR DRIVER WITH BRAKE FUNCTION
10-Feb-1998
TA8052AS TOSHIBA-TA8052AS Datasheet
174Kb / 6P
0.3A MOTOR DRIVER WITH BRAKE FUNCTION
10-Feb-1998
TA8052S TOSHIBA-TA8052S Datasheet
171Kb / 6P
0.3A MOTOR DRIVER WITH BRAKE FUNCTION
TA8080K TOSHIBA-TA8080K Datasheet
180Kb / 6P
1.0A MOTOR DRIVER WITH BRAKE FUNCTION
logo
Renesas Technology Corp
M54641L RENESAS-M54641L Datasheet
187Kb / 9P
Bi-Directional Motor Driver with Brake Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com