Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8052 Datasheet (PDF) - Toshiba Semiconductor

TA8052 Datasheet PDF - Toshiba Semiconductor
Part # TA8052
Download  TA8052 Download
File Size   174.21 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 0.3A MOTOR DRIVER WITH BRAKE FUNCTION

TA8052 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8052 Datasheet PDF - Toshiba Semiconductor

Part # TA8052
Download  TA8052 Click to download

File Size   174.21 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 0.3A MOTOR DRIVER WITH BRAKE FUNCTION

TA8052 Datasheet (HTML) - Toshiba Semiconductor


TA8052 Product details

0.3A MOTOR DRIVER WITH BRAKE FUNCTION

The TA8052AS is a full-bridge driver which directly drives a bidirectional DC motor. Inputs DI1 and DI2 are combined to select one of forward, reverse, stop, and brake modes.
Since the inputs are TTL-compatible, the IC can be directly controlled from a CPU or other control system. The IC also has various protective functions.

FEATURES
● Output current : 300mA (max.)
● Four modes : Forward, reverse, stop, and brake
● Low Standby Current : 100μ A (Max.)
● Multiple protective functions : Thermal shutdown, current limiter, andovervoltage shut down.
● Bulit-in diode for counteracting counter electromotive force
● Small SIP-7pin




Similar Part No. - TA8052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8052 TOSHIBA-TA8052 Datasheet
171Kb / 6P
0.3A MOTOR DRIVER WITH BRAKE FUNCTION
TA8052S TOSHIBA-TA8052S Datasheet
171Kb / 6P
0.3A MOTOR DRIVER WITH BRAKE FUNCTION
More results


Similar Description - TA8052

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54543AL MITSUBISHI-M54543AL Datasheet
24Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543ASL MITSUBISHI-M54543ASL Datasheet
231Kb / 4P
BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543L MITSUBISHI-M54543L Datasheet
42Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54544L MITSUBISHI-M54544L Datasheet
80Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54641L MITSUBISHI-M54641L Datasheet
79Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
1.5A MOTOR DRIVER WITH BRAKE FUNCTION
TA8051P TOSHIBA-TA8051P Datasheet
355Kb / 9P
3A MOTOR DRIVER WITH BRAKE FUNCTION
TA8052S TOSHIBA-TA8052S Datasheet
171Kb / 6P
0.3A MOTOR DRIVER WITH BRAKE FUNCTION
TA8080K TOSHIBA-TA8080K Datasheet
180Kb / 6P
1.0A MOTOR DRIVER WITH BRAKE FUNCTION
logo
Renesas Technology Corp
M54641L RENESAS-M54641L Datasheet
187Kb / 9P
Bi-Directional Motor Driver with Brake Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com