Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4655 Datasheet (PDF) - Pomona Electronics

4655 Datasheet PDF - Pomona Electronics
Part # 4655
Download  4655 Download
File Size   25.52 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Die Cast Aluminum Box, J Size W/Card Guides

4655 Datasheet (PDF)

Go To PDF Page Download Datasheet
4655 Datasheet PDF - Pomona Electronics

Part # 4655
Download  4655 Click to download

File Size   25.52 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Die Cast Aluminum Box, J Size W/Card Guides

4655 Datasheet (HTML) - Pomona Electronics


4655 Product details

MATERIALS:
   Die Cast Box: Die cast aluminum, Alloy A380 or A394.
   Finish: Blue paint per FED-STD-595, Color No. 25109
   Marking: “POMONA ELECTRONICS, CALIF.”
   Cover: 1.60 (.063) thick aluminum, Alloy 1100-H14
   Finish: Clear anodized per MIL-A-8625.
   Screws: Steel, (4) 2-32 x 6.35 (.25) Phillips pan head, self-tapping
   Finish: Zinc plated




Similar Part No. - 4655

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4655 ETC2-4655 Datasheet
589Kb / 1P
TRANSISTOR MICA INSULATORS
logo
3M Electronics
4655 3M-4655 Datasheet
533Kb / 9P
VHB™ Tape Specialty Tapes
logo
Molex Electronics Ltd.
46553-1000 MOLEX6-46553-1000 Datasheet
330Kb / 5P
1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 104 Circuits, 18.00mm (.708") Unmated Height
46553-1200 MOLEX6-46553-1200 Datasheet
323Kb / 5P
1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 104 Circuits, 18.00mm (.708") Unmated Height
46553-2200 MOLEX6-46553-2200 Datasheet
323Kb / 5P
1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz??Receptacle
More results


Similar Description - 4655

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3601 POMONA-3601 Datasheet
48Kb / 1P
Die Cast Aluminum Box Painted, Size ?쏡?
4226 POMONA-4226 Datasheet
27Kb / 1P
E Size, Die Cast Aluminum Box, With Cover And Card Guides
4384 POMONA-4384 Datasheet
23Kb / 1P
Thermoplastic Box With Card Guides
4903 POMONA-4903 Datasheet
32Kb / 1P
Die Cast Aluminum Box, L Size W/Card Guides
5203 POMONA-5203 Datasheet
24Kb / 1P
Die Cast Box With Card Guides Size L, Unpainted
5255 POMONA-5255 Datasheet
22Kb / 1P
Die Cast Box, With Card Guides Size J, Unpainted
logo
List of Unclassifed Man...
5E-115B-W ETC2-5E-115B-W Datasheet
125Kb / 1P
Die-cast aluminum housing
logo
AAEON Technology
AGD-315DHTT-V2A-1010 AAEON-AGD-315DHTT-V2A-1010 Datasheet
395Kb / 2P
IP65 Aluminum Die Cast Front Bezel
logo
TE Connectivity Ltd
IP-66 TEC-IP-66 Datasheet
137Kb / 3P
Rugged die-cast aluminum housing
logo
Lumins Inc.
CL315 LUMINIS-CL315 Datasheet
134Kb / 2P
Cast aluminum mounting box
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com