Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP220 Datasheet (PDF) - Maxwell Technologies

OP220 Datasheet PDF - Maxwell Technologies
Part # OP220
Download  OP220 Download
File Size   237.18 Kbytes
Page   7 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Dual Micropower Operational Amplifier

OP220 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP220 Datasheet PDF - Maxwell Technologies

Part # OP220
Download  OP220 Click to download

File Size   237.18 Kbytes
Page   7 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Dual Micropower Operational Amplifier

OP220 Datasheet (HTML) - Maxwell Technologies


OP220 Product details

DESCRIPTION: The OP220RP (RP for RAD-PAK®) monolithic dual operational amplifier microcircuit features a minimum 100 kilorad (Si) total dose tolerance. Using Maxwells radiation hardened RAD-PAK® packaging technology, the OP220RP can be used either in single or dual supply operation. The OP220RP is the first micropower precision dual operational amplifier capable of surviving space environments. The OP220RP is ideal for satellite, spacecraft, and space probe missions. The patented radiation hardened RAD-PAK® technology incorporates radiation shielding in the microcircuit package. It eliminates the need forbox shielding while providing a lifetime in orbit. This product is available in Class E, I, B and S screening.

FEATURES:
• RAD-PAK® Technology
• - Total Dose Hardness > 100 Krads(Si)
• Package: - 8 Pin RAD-PAK® Flat Package
• Excellent TCVOS -21uV/C MAX
• Low Input Offset Voltage: -150mV Max
• Low Supply Current: -100mA
• Single Supply Operation: -+5 to +30 Volts
• Low Input Offset Voltage Drift -0.75uV/C
• High Open Loop Gain: -2000V/mV
• Low Input Bias Current
• Wide Common Mode Voltage Range




Similar Part No. - OP220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
OP220 AD-OP220 Datasheet
368Kb / 12P
Dual Micropower Operational Amplifier
REV. A
OP220A AD-OP220A Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
OP220AJ AD-OP220AJ Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
OP220AZ AD-OP220AZ Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
More results


Similar Description - OP220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
CMOS Dual Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
OP-220 AD-OP-220 Datasheet
434Kb / 8P
DUAL MICROPOWER OPERATIONAL AMPLIFIER
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
Dual Micropower Operational Amplifier
REV. A
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220_15 Datasheet
1Mb / 12P
Dual Micropower Operational Amplifier
REV. A
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com