Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5307 Datasheet (PDF) - Pomona Electronics

5307 Datasheet PDF - Pomona Electronics
Part # 5307
Download  5307 Download
File Size   206.94 Kbytes
Page   3 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC Connector and Assembly

5307 Datasheet (PDF)

Go To PDF Page Download Datasheet
5307 Datasheet PDF - Pomona Electronics

Part # 5307
Download  5307 Click to download

File Size   206.94 Kbytes
Page   3 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC Connector and Assembly

5307 Datasheet (HTML) - Pomona Electronics


5307 Product details

Use Pomona 50 Ω BNC connectors for your favorite custom applications

FEATURES:
• Connector to accept Types RG: 174, 179A, 179B, 187, 187A, 188, 188A and 316/U
• Connector designed to meet interface requirements of MIL-STD-348




Similar Part No. - 5307

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5307 VCC-5307 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
logo
Hubbell Incorporated.
5307 HUBBELL-5307 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1/2in X 7ft Thimbleye
logo
Murata Manufacturing Co...
53070C MURATA-53070C Datasheet
124Kb / 2P
10A Current Sensing Transformers
logo
Murata Power Solutions ...
53070C MURATA-PS-53070C Datasheet
142Kb / 3P
10A Current Sensing Transformers
2021
logo
Aavid, Thermal Division...
530714B00000 AAVID-530714B00000 Datasheet
78Kb / 2P
For use with TO-220 packages
2/25/2003
More results


Similar Description - 5307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34166 PASTERNACK-PE34166 Datasheet
265Kb / 1P
CABLE ASSEMBLY PE-SR401FL BNC MALE TO BNC MALE TO BNC MALE
PE3906 PASTERNACK-PE3906 Datasheet
266Kb / 1P
CABLE ASSEMBLY RG214/U BNC MALE TO BNC MAEL
PE3538 PASTERNACK-PE3538 Datasheet
266Kb / 1P
CABLE ASSEMBLY, RG174A/U,BNC MALE TO BNC MALE
PE3901 PASTERNACK-PE3901 Datasheet
134Kb / 1P
CABLE ASSEMBLY RG188A/U BNC MALE TO BNC FEMALE
PE3627 PASTERNACK-PE3627 Datasheet
106Kb / 1P
CABLE ASSEMBLY RG400/U BNC MALE TO BNC FEMALE
PE3807 PASTERNACK-PE3807 Datasheet
107Kb / 1P
CABLE ASSEMBLY BNC MALE TO BNC MALE
PE35148 PASTERNACK-PE35148 Datasheet
93Kb / 1P
CABLE ASSEMBLY, RG141A, BNC MALE TO BNC MALE
PE3953LF PASTERNACK-PE3953LF Datasheet
275Kb / 1P
CABLE ASSEMBLY BNC FEMALE TO BNC FEMALE
PE3999 PASTERNACK-PE3999 Datasheet
99Kb / 1P
CABLE ASSEMBLY BNC MALE TO BNC MALE
logo
Samtec, Inc
BNC7T-J-P-XX-RA-BH2D SAMTEC-BNC7T-J-P-XX-RA-BH2D Datasheet
370Kb / 2P
BNC RIGHT ANGLE JACK ASSEMBLY
11/5/2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com