Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6252 Datasheet (PDF) - Pomona Electronics

6252 Datasheet PDF - Pomona Electronics
Part # 6252
Download  6252 Download
File Size   19.19 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description IEC1010 Compliant Test Lead Coupler

6252 Datasheet (PDF)

Go To PDF Page Download Datasheet
6252 Datasheet PDF - Pomona Electronics

Part # 6252
Download  6252 Click to download

File Size   19.19 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description IEC1010 Compliant Test Lead Coupler

6252 Datasheet (HTML) - Pomona Electronics


6252 Product details

FEATURES:

· Interfaces to safety style sheathed 4 mm plugs.

· Provides a fast and easy method to splice two cables together to increase cable length.

· Complies to IEC 1010-2-031, which is the latest international safety standard for test accessories.

· For added safety, the insulation material is Polypropylene, Fire Retardant – UL94 V-2 rated.

· Mates to Pomona’s Models 5907A, 5908A and 5909A flexible test leads.



MATERIALS:

Tubing: Brass, Nickel Plated

Insulation: Polypropylene, Color: One black and one red




Similar Part No. - 6252

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
62521 BELDEN-62521 Datasheet
559Kb / 4P
CANopen / DeviceNet Data Double-Ended Cordset
03-22-2023
More results


Similar Description - 6252

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4408 POMONA-4408 Datasheet
27Kb / 1P
Test Lead Holder
73087 POMONA-73087 Datasheet
109Kb / 2P
Jumper Test Lead Set
logo
CAMBION Electronic Comp...
445-8600 CAMBION-445-8600 Datasheet
25Kb / 1P
Connectaball Test Lead
445-8601 CAMBION-445-8601 Datasheet
26Kb / 1P
Connectaball Test Lead
logo
General Cable Technolog...
C1318 GENERAL-C1318 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1319 GENERAL-C1319 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1321 GENERAL-C1321 Datasheet
72Kb / 1P
TEST LEAD WIRE
C1326 GENERAL-C1326 Datasheet
72Kb / 1P
TEST LEAD WIRE
logo
Extech Instruments Corp...
TL744 EXTECH-TL744 Datasheet
250Kb / 1P
Industrial Test Lead Set
TL808-KIT EXTECH-TL808-KIT Datasheet
266Kb / 1P
Professional Test Lead Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com