Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6353 Datasheet (PDF) - Pomona Electronics

6353 Datasheet PDF - Pomona Electronics
Part # 6353
Download  6353 Download
File Size   367.21 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 2mm Tip Reach, SMD Micro Grabber Test Clip

6353 Datasheet (PDF)

Go To PDF Page Download Datasheet
6353 Datasheet PDF - Pomona Electronics

Part # 6353
Download  6353 Click to download

File Size   367.21 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 2mm Tip Reach, SMD Micro Grabber Test Clip

6353 Datasheet (HTML) - Pomona Electronics


6353 Product details

FEATURES:
• Use with PQFP packages with 0.3mm lead pitch or greater.
• 2mm long tip allows measurement at IC leads that are not easily accessible.
• Thin body style allows an unlimited number of clips to be stacked side by side.
• Maximum frequency is 100 MHz.




Similar Part No. - 6353

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
6353 APP-6353 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
logo
Alpha Wire
6353 ALPHAWIRE-6353 Datasheet
409Kb / 4P
24 (7/32) AWG Tinned Copper
logo
List of Unclassifed Man...
6353-45 ETC2-6353-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6353-47 ETC2-6353-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6353-49 ETC2-6353-49 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results


Similar Description - 6353

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5301 POMONA-5301 Datasheet
54Kb / 1P
SMD Grabber Test Clip Patch Cord
5302 POMONA-5302 Datasheet
24Kb / 1P
SMD Grabber Test Clip To Stacking Banana Plug
5360 POMONA-5360 Datasheet
34Kb / 1P
SMD Grabber Test Clip
6351 POMONA-6351 Datasheet
361Kb / 2P
8mm Tip Reach, SMD Micro Grabber Test Clip
6352 POMONA-6352 Datasheet
481Kb / 2P
13mm Tip Reach, SMD Micro Grabber Test Clip
6442 POMONA-6442 Datasheet
161Kb / 2P
13mm Tip Reach, SMD Micro Grabber Test Clip
6490 POMONA-6490 Datasheet
115Kb / 2P
20mm Tip Reach, SMD Grabber Test Clip
72904 POMONA-72904 Datasheet
134Kb / 1P
Clip lead for Micro SMD Grabber
72905 POMONA-72905 Datasheet
134Kb / 1P
Clip lead for Micro SMD Grabber
72907 POMONA-72907 Datasheet
144Kb / 1P
Mini SMD Grabber Test Clip with Lead and 2mm Jack
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com