Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6358 Datasheet (PDF) - Pomona Electronics

6358 Datasheet PDF - Pomona Electronics
Part # 6358
Download  6358 Download
File Size   48.38 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Test Lead, Straight DMM Plug To Retractable Plug

6358 Datasheet (PDF)

Go To PDF Page Download Datasheet
6358 Datasheet PDF - Pomona Electronics

Part # 6358
Download  6358 Click to download

File Size   48.38 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Test Lead, Straight DMM Plug To Retractable Plug

6358 Datasheet (HTML) - Pomona Electronics


6358 Product details

FEATURES:
• Fits Fluke, Amprobe, H-P, Tekronix, Wavetek and Amprobe DMM’s with sheathed style safety jacks.
• Flexible test leads feature high strand count silcone wire for extreme flexibiliy and high temperature. resistance. Banana plugs are double crimped to the wire and the plugs are molded directly to the wire for added pull strength.
• The retractable sheath is ideal for connecting to older test equipment without double insulated jacks.




Similar Part No. - 6358

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
6358 APP-6358 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
logo
Alpha Wire
6358 ALPHAWIRE-6358 Datasheet
410Kb / 4P
24 (7/32) AWG Tinned Copper
logo
List of Unclassifed Man...
6358-45 ETC2-6358-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6358-47 ETC2-6358-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6358-49 ETC2-6358-49 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results


Similar Description - 6358

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5325A POMONA-5325A Datasheet
28Kb / 2P
DMM Test Probe To Multi-Stacking Banana Plug Kit
5543B POMONA-5543B Datasheet
132Kb / 2P
Electronic DMM Test Lead Kit
5673B POMONA-5673B Datasheet
114Kb / 2P
Electrical DMM Test Lead Kit
5674C POMONA-5674C Datasheet
164Kb / 2P
Deluxe Electronic DMM Test Lead kit
5904A POMONA-5904A Datasheet
144Kb / 2P
Deluxe Electrical DMM Test Lead kit
6249 POMONA-6249 Datasheet
28Kb / 1P
Test Clip To Multi-Stacking Banana Plug Test Lead
6366 POMONA-6366 Datasheet
51Kb / 1P
Test Lead Set Probe To Retractable Sheath
logo
List of Unclassifed Man...
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
Stackable, Retractable Banana Test Lead 10 AWG
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
Retractable Banana Plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com