Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6780 Datasheet (PDF) - Pomona Electronics

6780 Datasheet PDF - Pomona Electronics
Part # 6780
Download  6780 Download
File Size   192.66 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)

6780 Datasheet (PDF)

Go To PDF Page Download Datasheet
6780 Datasheet PDF - Pomona Electronics

Part # 6780
Download  6780 Click to download

File Size   192.66 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)

6780 Datasheet (HTML) - Pomona Electronics


6780 Product details

Features

• True 75 Ω BNC adapters.

• Easily adapt F-Connectors to BNC.

• Gold-plated (15 micro–inches) contacts.

• BNC insulation material is PTFE (not delrin).



Materials

• Body is made of machined brass with tarnish resistant nickel-plating.

• Female BNC center contact: Gold-plated, heat treated beryllium copper.

• Male BNC center pin contacts are gold-plated (15 micro-inches) brass.

• Body made from precision machined high quality brass (not die cast).

• High quality machined PTFE dielectric.




Similar Part No. - 6780

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67800-5012 MOLEX8-67800-5012 Datasheet
172Kb / 4P
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 1.60mm (.063") PCB
67800-5015 MOLEX8-67800-5015 Datasheet
172Kb / 4P
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, 0.38關m (15關") Gold (Au) Plating, for 1.60mm (.063") PCB,
67800-5022 MOLEX8-67800-5022 Datasheet
173Kb / 4P
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 2.40mm (.094") PCB,
67800-5025 MOLEX8-67800-5025 Datasheet
173Kb / 4P
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, 0.38關m (15關") Gold (Au) Plating, for 2.40mm (.094") PCB,
67800-7001 MOLEX8-67800-7001 Datasheet
194Kb / 4P
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm (.063") PCB, Black, Footprint B
More results


Similar Description - 6780

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
6735 POMONA-6735 Datasheet
175Kb / 1P
BNC (M), BNC (F) Panel
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD799-1 WINCHESTER-SD799-1 Datasheet
64Kb / 1P
ADAPTER C(M)-BNC(F)
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com