Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2203 Datasheet (PDF) - Maxim Integrated Products

MAX2203 Datasheet PDF - Maxim Integrated Products
Part # MAX2203
Download  MAX2203 Download
File Size   911.14 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RMS Power Detector

MAX2203 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2203 Datasheet PDF - Maxim Integrated Products

Part # MAX2203
Download  MAX2203 Click to download

File Size   911.14 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RMS Power Detector

MAX2203 Datasheet (HTML) - Maxim Integrated Products


MAX2203 Product details

General Description
The MAX2203 RMS power detector is designed to operate from 800MHz to 2.0GHz. The device is ideal for wideband code-division multiple access (WCDMA), cdma2000®, and high-speed downlink/uplink packet access. The MAX2203 accepts an RF signal at the input and outputs the same voltage regardless of the peak-average of the input signal. The output voltage and input power is linear in dB. The device has a -24dBm to +3dBm detection range, and every dB change in input power gives 35mV (typ) change in out put voltage.

Features
♦ -24dBm to +3dBm Power-Detection Range
♦ 35mV/dB (typ) Log Detector
♦ 0.1dB (typ) RMS Accuracy from WCDMA
   Modulation Change
♦ ±0.4dB Detection Error Due to Temperature
♦ +2.5V to +4.2V Single-Supply Operation
♦ Space-Saving 6-Bump WLP Package

Applications
   WCDMA, cdma2000, 1xEVDO
   High-Speed Downlink Packet Access (HSDPA)
   High-Speed Uplink Packet Access (HSUPA)




Similar Part No. - MAX2203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX220 MAXIM-MAX220 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220 Datasheet
676Kb / 38P
MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX22000 MAXIM-MAX22000 Datasheet
2Mb / 30P
Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
More results


Similar Description - MAX2203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1600 TI-TRF1600 Datasheet
349Kb / 15P
TRUE RMS RF POWER DETECTOR
logo
M/A-COM Technology Solu...
MACP-010562 MA-COM-MACP-010562 Datasheet
238Kb / 5P
Temperature Compensated Directional RMS Power Detector
MACP-010563 MA-COM-MACP-010563 Datasheet
329Kb / 5P
Temperature Compensated Directional RMS Power Detector
MACP-010563 MA-COM-MACP-010563_15 Datasheet
329Kb / 5P
Temperature Compensated Directional RMS Power Detector
logo
Analog Devices
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
RMS POWER DETECTOR & ENVELOPE TRACKER
HMC1030LP5E AD-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
RMS POWER DETECTOR ENVELOPE TRACKER
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR SINGLE-ENDED
logo
Maxim Integrated Produc...
MAX2202 MAXIM-MAX2202 Datasheet
980Kb / 8P
RMS Power Detector
Rev 1; 2/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com