Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2830 Datasheet (PDF) - Maxim Integrated Products

MAX2830 Datasheet PDF - Maxim Integrated Products
Part # MAX2830
Download  MAX2830 Download
File Size   747.54 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch

MAX2830 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2830 Datasheet PDF - Maxim Integrated Products

Part # MAX2830
Download  MAX2830 Click to download

File Size   747.54 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch

MAX2830 Datasheet (HTML) - Maxim Integrated Products


MAX2830 Product details

General Description
The MAX2830 direct conversion, zero-IF, RF transceiver is designed specifically for 2.4GHz to 2.5GHz 802.11g/b WLAN applications.

Features
♦ 2.4GHz to 2.5GHz ISM Band Operation
♦ IEEE 802.11g/b Compatible (54Mbps OFDM and 11Mbps CCK)
♦ Complete RF Transceiver, PA, Rx/Tx and Antenna Diversity Switch, and Crystal Oscillator
    Best-in-Class Transceiver Performance
    62mA Receiver Current
    3.3dB Rx Noise Figure
    -75dBm Rx Sensitivity (54Mbps OFDM)
    No I/Q Calibration Required
    0.1dB/0.35° Rx I/Q Gain/Phase Imbalance
    33dB RF and 62dB Baseband Gain Control Range
    60dB Range Analog RSSI per RF Gain Setting
    Fast Rx I/Q DC-Offset Settling
    Programmable Baseband Lowpass Filter
    20-Bit Sigma-Delta Fractional-N PLL with < 20Hz Step Size
    Digitally Tuned Crystal Oscillator
    +17.1dBm Transmit Power (5.6% EVM with 54Mbps OFDM)
    31dB Tx Gain Control Range
    Integrated Power Detector
    Fully Integrated RF Input and Output Matching and DC Blocking
    Serial or Parallel Gain-Control Interface
    > 40dB Tx Sideband Suppression Without Calibration
    Rx/Tx I/Q Error Detection
♦ Transceiver Operates from +2.7V to +3.6V
♦ PA Operates from +2.7V to +4.2V
♦ Low-Power Shutdown Mode
♦ Small 48-Pin TQFN Package (7mm x 7mm x 0.8mm)

Applications
    Wi-Fi, PDA, VOIP, and Cellular Handsets
    Wireless Speakers and Headphones
    General 2.4GHz ISM Radios




Similar Part No. - MAX2830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830 Datasheet
777Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2830 MAXIM-MAX2830 Datasheet
2Mb / 14P
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16
MAX2830ETM MAXIM-MAX2830ETM Datasheet
777Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2830ETMT MAXIM-MAX2830ETMT Datasheet
777Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2830EVKIT MAXIM-MAX2830EVKIT Datasheet
2Mb / 14P
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16
More results


Similar Description - MAX2830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
TriQuint Semiconductor
TQS5201 TRIQUINT-TQS5201 Datasheet
415Kb / 9P
TX-RX and Diversity Switch for Dualmode, 802.11b & g Systems
logo
Maxim Integrated Produc...
MAX2831 MAXIM-MAX2831 Datasheet
804Kb / 34P
2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2830 MAXIM-MAX2830_11 Datasheet
777Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2831 MAXIM-MAX2831_11 Datasheet
978Kb / 34P
2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Holtek Semiconductor In...
BC66F840 HOLTEK-BC66F840 Datasheet
6Mb / 242P
2.4GHz Flash RF TX/RX MCU
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com