Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXZR16N60 Datasheet (PDF) - IXYS Corporation

IXZR16N60 Datasheet PDF - IXYS Corporation
Part # IXZR16N60
Download  IXZR16N60 Download
File Size   169.47 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Z-MOS RF Power MOSFET

IXZR16N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXZR16N60 Datasheet PDF - IXYS Corporation

Part # IXZR16N60
Download  IXZR16N60 Click to download

File Size   169.47 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Z-MOS RF Power MOSFET

IXZR16N60 Datasheet (HTML) - IXYS Corporation


IXZR16N60 Product details

VDSS = 600 V

ID25 = 18 A

RDS(on) ≤ 0.56 Ω

PDC = 350



Low Capacitance Z-MOSTM MOSFET Process

Optimized for RF Operation

Ideal for Class C, D, & E Applications



Features

• Isolated Substrate

− high isolation voltage (>2500V)

− excellent thermal transfer

− Increased temperature and power cycling capability

• IXYS advanced Z-MOS process

• Low gate charge and capacitances

− easier to drive

− faster switching

• Low RDS(on)

• Very low insertion inductance (<2nH)

• No beryllium oxide (BeO) or other hazardous materials



Advantages

• High Performance RF Z-MOS™

• Optimized for RF and high speed

• Common Source RF Package

A = Gate Source Drain

B = Drain Source Gate

• Isolated Package, no insulator required




Similar Part No. - IXZR16N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZR18N50 IXYS-IXZR18N50 Datasheet
166Kb / 4P
Z-MOS RF Power MOSFET
IXZR18N50A IXYS-IXZR18N50A Datasheet
166Kb / 4P
Z-MOS RF Power MOSFET
IXZR18N50B IXYS-IXZR18N50B Datasheet
166Kb / 4P
Z-MOS RF Power MOSFET
More results


Similar Description - IXZR16N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZ308N120 IXYS-IXZ308N120 Datasheet
149Kb / 3P
Z-MOS RF Power MOSFET
logo
Mitsubishi Electric Sem...
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
logo
IXYS Corporation
IXZ316N60 IXYS-IXZ316N60 Datasheet
142Kb / 4P
Z-MOS RF Power MOSFET
IXZ318N50 IXYS-IXZ318N50 Datasheet
143Kb / 4P
Z-MOS RF Power MOSFET
IXZR08N120 IXYS-IXZR08N120 Datasheet
165Kb / 4P
Z-MOS RF Power MOSFET
IXZR18N50 IXYS-IXZR18N50 Datasheet
166Kb / 4P
Z-MOS RF Power MOSFET
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
RF POWER MOS FET
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com