Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC244 Datasheet (PDF) - ON Semiconductor

74HC244 Datasheet PDF - ON Semiconductor
Part # 74HC244
Download  74HC244 Download
File Size   126.75 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver

74HC244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC244 Datasheet PDF - ON Semiconductor

Part # 74HC244
Download  74HC244 Click to download

File Size   126.75 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver

74HC244 Datasheet (HTML) - ON Semiconductor


74HC244 Product details

The 74HC244 is identical in pinout to the LS244. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
This octal noninverting buffer/line driver/line receiver is designed to be used with 3−state memory address drivers, clock drivers, and other bus−oriented systems. The device has noninverting outputs and two active−low output enables.
The HC244 is similar in function to the HC240A.

Features
• Output Drive Capability: 15 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 A
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard No. 7A
• ESD Performance: HBM  2000 V; Machine Model  200 V
• Chip Complexity: 136 FETs or 34 Equivalent Gates
• This is a Pb−Free Device




Similar Part No. - 74HC244

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74HC244 MOTOROLA-74HC244 Datasheet
185Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
NXP Semiconductors
74HC244 PHILIPS-74HC244 Datasheet
39Kb / 7P
Octal buffer/line driver; 3-state
December 1990
74HC244 PHILIPS-74HC244 Datasheet
127Kb / 22P
Octal buffer/line driver; 3-state
Rev. 03-22 December 2005
74HC244 PHILIPS-74HC244 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
74HC244 PHILIPS-74HC244 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
More results


Similar Description - 74HC244

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
logo
KODENSHI_AUK CORP.
KK74LS244 KODENSHI-KK74LS244 Datasheet
333Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
IK Semicon Co., Ltd
IN74LS244 IKSEMICON-IN74LS244 Datasheet
253Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com