Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73072 Datasheet (PDF) - Pomona Electronics

73072 Datasheet PDF - Pomona Electronics
Part # 73072
Download  73072 Download
File Size   147.99 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description SMB Jack to SMB Jack, RG316/U (50 Ohm), RG179B/U (75 Ohm)

73072 Datasheet (PDF)

Go To PDF Page Download Datasheet
73072 Datasheet PDF - Pomona Electronics

Part # 73072
Download  73072 Click to download

File Size   147.99 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description SMB Jack to SMB Jack, RG316/U (50 Ohm), RG179B/U (75 Ohm)

73072 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 73072

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7307 GILWAY-7307 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
7307 HEYCO-7307 Datasheet
132Kb / 1P
Female Pin Connectors
logo
V-COIL THREAD SYSTEM
7307 V-COIL-7307 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Molex Electronics Ltd.
7307-02-100B MOLEX3-7307-02-100B Datasheet
222Kb / 4P
2.54mm (.100") Pitch Round Conductor Flat Cable
7307-03-100B MOLEX3-7307-03-100B Datasheet
222Kb / 4P
2.54mm (.100") Pitch Round Conductor Flat Cable
More results


Similar Description - 73072

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3100 PASTERNACK-PE3100 Datasheet
114Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM SMB PLUG TO OHM SMB PLUG
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
PE9736 PASTERNACK-PE9736 Datasheet
106Kb / 1P
75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE33247 PASTERNACK-PE33247 Datasheet
248Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM SMB PLUG TO 75 OHM BNC MALE
PE3100LF PASTERNACK-PE3100LF Datasheet
156Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM SMB PLUG TO 75 OHM SMB PLUG (LEAD FREE)
PE3C0471 PASTERNACK-PE3C0471 Datasheet
332Kb / 3P
75 Ohm SMB Plug Right Angle to 75 Ohm SMB Jack
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
75 Ohm SMB Jack to SMB Jack Adapter
PE34683 PASTERNACK-PE34683 Datasheet
115Kb / 1P
CABLE ASSEMBLY, RG179B/U, MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE34683LF PASTERNACK-PE34683LF Datasheet
162Kb / 1P
CABLE ASSEMBLY, RG179B/U, MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE34694 PASTERNACK-PE34694 Datasheet
281Kb / 1P
CABLE ASSEMBLY, RG179B/U, MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG RIGHT ANGLE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com