Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLX411GRX Datasheet (PDF) - Intersil Corporation

QLX411GRX Datasheet PDF - Intersil Corporation
Part # QLX411GRX
Download  QLX411GRX Download
File Size   382.65 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Lane Extender

QLX411GRX Datasheet (PDF)

Go To PDF Page Download Datasheet
QLX411GRX Datasheet PDF - Intersil Corporation

Part # QLX411GRX
Download  QLX411GRX Click to download

File Size   382.65 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Lane Extender

QLX411GRX Datasheet (HTML) - Intersil Corporation


QLX411GRX Product details

Quad Lane Extender

The QLx411GRx is a settable quad receive-side equalizer with extended functionality for advanced protocols operating with line rates up to 11.3Gb/s such as InfiniBand (SDR, DDR and QDR) and 40G Ethernet (40GBase-CR4). The QLx411GRx compensates for the frequency dependent attenuation of copper twin-axial cables, extending the signal reach up to at least 10m on 28AWG cable.

Features
• Supports data rates up to 11.3Gb/s
• Low power (135mW per channel)
• Low latency (<500ps)
• Four equalizers in a 4mmx7mm QFN package for straight route-through architecture and simplified routing
• Each equalizer boost is independently pin selectable
• Supports 64b/66b encoded data – long run lengths
• Line silence preservation
• 1.2V supply voltage
• Individual lane LOS support

Applications
• QSFP active copper cable modules
• InfiniBand SDR, DDR and QDR
• 40G Ethernet (40GBase-CR4)
• XAUI and RXAUI
• High-speed active cable assemblies
• High-speed printed circuit board (PCB) traces

Benefits
• Thinner gauge cable
• Extends cable reach greater than 3x
• Improved BER




Similar Part No. - QLX411GRX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
DisplayPort Lane Extender
November 19, 2009
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
246Kb / 7P
DisplayPort Lane Extender
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
DisplayPort Lane Extender
QLX4270RIQSR INTERSIL-QLX4270RIQSR Datasheet
184Kb / 7P
DisplayPort Lane Extender
November 19, 2009
More results


Similar Description - QLX411GRX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
DisplayPort Lane Extender
November 19, 2009
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
November 19, 2009
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
Quad Lane Extender
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
Quad Lane Extender
March 25, 2010
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
Quad Lane Extender
logo
Renesas Technology Corp
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
DisplayPort Lane Extender
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
Quad Lane Extender
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com