Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9947 Datasheet (PDF) - Maxim Integrated Products

MAX9947 Datasheet PDF - Maxim Integrated Products
Part # MAX9947
Download  MAX9947 Download
File Size   89.63 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AISG Integrated Transceiver

MAX9947 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9947 Datasheet PDF - Maxim Integrated Products

Part # MAX9947
Download  MAX9947 Click to download

File Size   89.63 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AISG Integrated Transceiver

MAX9947 Datasheet (HTML) - Maxim Integrated Products


MAX9947 Product details

General Description
The MAX9947 is an AISG-compliant, fully integrated transceiver. The MAX9947 receiver offers a typical dynamic range of 20dB and integrates a bandpass filter that operates in the 2.176MHz frequency with a narrow 200kHz bandwidth. The MAX9947 transmitter integrates a bandpass filter that is compliant with the AISG spectrum emission profile. It can modulate OOK signals up to 115.2kbps. The output power can be varied with external resistors from +7dBm to +12dBm to compensate for loss in the external circuitry and cabling.

Beneits and Features
● Receiver Wide Input Dynamic Range
   • -15dBm to +5dBm in 50Ω
● Variable Transmitter Output Level from +7dBm to +12dBm
● AISG-Compliant Output Emission Profile
● AutoDirection Output
● No Need of Microcontrollers to Handle Bus Arbitration in Tower-Mounted Equipment
● Supports All AISG Data Rates
   • 9.6kbps
   • 38.4kbps
   • 115.2kbps
● Bandpass Filter Compliant with AISG Protocol Centered Around 2.176MHz
● 3.0V to 5.5V Voltage Supply
● Independent Logic Supply
● Small, 3mm x 3mm 16-Pin TQFN Package




Similar Part No. - MAX9947

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9947 MAXIM-MAX9947 Datasheet
607Kb / 1P
AISG Integrated Transceiver AISG-Compliant Output Emission Profile
Rev 2; 6/11
MAX9947 MAXIM-MAX9947 Datasheet
614Kb / 1P
AISG Integrated Transceiver
Rev 3; 7/11
MAX9947ETE MAXIM-MAX9947ETE Datasheet
607Kb / 1P
AISG Integrated Transceiver AISG-Compliant Output Emission Profile
Rev 2; 6/11
MAX9947ETE+ MAXIM-MAX9947ETE+ Datasheet
614Kb / 1P
AISG Integrated Transceiver
Rev 3; 7/11
MAX9947EVKIT MAXIM-MAX9947EVKIT Datasheet
662Kb / 7P
Proven PCB Layout
Rev 0; 1/10
More results


Similar Description - MAX9947

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TFDT4000 TEMIC-TFDT4000 Datasheet
245Kb / 9P
Integrated Transceiver
logo
Maxim Integrated Produc...
MAX9947 MAXIM-MAX9947_11 Datasheet
607Kb / 1P
AISG Integrated Transceiver AISG-Compliant Output Emission Profile
Rev 2; 6/11
MAX9947_1107 MAXIM-MAX9947_1107 Datasheet
614Kb / 1P
AISG Integrated Transceiver
Rev 3; 7/11
logo
Texas Instruments
SN65HVD62 TI1-SN65HVD62 Datasheet
520Kb / 16P
AISG On-Off Keying Coax Modem Transceiver
logo
Source Photonics, Inc.
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
Integrated Diplexer Transceiver
logo
Texas Instruments
SN65HVD62 TI1-SN65HVD62_15 Datasheet
1Mb / 26P
SN65HVD62 AISG On-Off Keying Coax Modem Transceiver
logo
DDK Ltd.
AIC-M16P-8PC DDK-AIC-M16P-8PC Datasheet
201Kb / 3P
AISG standard IEC60130-9 Connector
logo
Maxim Integrated Produc...
MAX11947 MAXIM-MAX11947 Datasheet
1Mb / 45P
4 Channel AISG Integrated Modem
2020
logo
Texas Instruments
SN65HVD63 TI-SN65HVD63 Datasheet
22Mb / 28P
SN65HVD63 AISG® On and Off Keying Coax Modem Transceiver
JULY 2015
SN65HVD64 TI-SN65HVD64 Datasheet
23Mb / 30P
SN65HVD64 AISG® On and Off Keying Coax Modem Transceiver
OCTOBER 2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com