Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181 Datasheet (PDF) - Maxim Integrated Products

MAXQ3181 Datasheet PDF - Maxim Integrated Products
Part # MAXQ3181
Download  MAXQ3181 Download
File Size   904.4 Kbytes
Page   84 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Active Energy, Polyphase AFE

MAXQ3181 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ3181 Datasheet PDF - Maxim Integrated Products

Part # MAXQ3181
Download  MAXQ3181 Click to download

File Size   904.4 Kbytes
Page   84 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Active Energy, Polyphase AFE

MAXQ3181 Datasheet (HTML) - Maxim Integrated Products


MAXQ3181 Product details

General Description
The MAXQ3181 is a dedicated electricity measurement front-end that collects and calculates polyphase voltage, current, active power and energy, and many other metering parameters of a polyphase load. The computed results can be retrieved by an external master through the on-chip serial peripheral interface (SPI™) bus. This bus is also used by the external master to configure the operation of the MAXQ3181 and monitor the status of operations.

Features
♦ Compatible with 3-Phase/3-Wire, 3-Phase/4-Wire, and Other 3-Phase Services
♦ 0.1% Active Power and Energy Linearity Error
♦ 0.5% Apparent Power and Energy Linearity Error
♦ 0.5% Linearity Errors for RMS Voltage and RMS Current
♦ Neutral Line Current Measurement
♦ Line Frequency (Hz)
♦ Power Factors
♦ Phase Sequence Indication
♦ Phase Voltage Absence Detection
♦ Programmable Pulse Width
♦ Programmable No-Load Current Threshold
♦ Programmable Meter Constant
♦ Programmable Thresholds for Undervoltage and Overvoltage Detection
♦ Programmable Threshold for Overcurrent Detection
♦ Amp-Hours in Absence of Voltage Signals
♦ On-Chip Digital Temperature Sensor
♦ Precision Internal Voltage Reference 2.048V (30ppm/°C typical), Also Supports An External Voltage Reference
♦ Active Power and Energy of Each Phase and Combined 3-Phase (kWh), Positive and Negative
♦ Apparent Power and Energy of Each Phase and Combined 3-Phase
♦ Supports Software Meter Calibration
♦ Up to 3-Point Multipoint Calibration to Compensate for Transducer Nonlinearity
♦ Power-Fail Detection
♦ Bidirectional Reset Input/Output
♦ SPI-Compatible Serial Interface with Interrupt Request (IRQ) Output
♦ Single 3.3V Supply, Low Power (35mW typical)

Applications
    3-Phase Active Energy Electricity Meters




Similar Part No. - MAXQ3181

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180 Datasheet
529Kb / 48P
Low-Power, Multifunction, Polyphase AFE
Rev 0; 2/08
MAXQ3180 MAXIM-MAXQ3180 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180 MAXIM-MAXQ3180 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
MAXQ3180-RAN+ MAXIM-MAXQ3180-RAN+ Datasheet
529Kb / 48P
Low-Power, Multifunction, Polyphase AFE
Rev 0; 2/08
MAXQ3180-RAN+ MAXIM-MAXQ3180-RAN+ Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
More results


Similar Description - MAXQ3181

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180 Datasheet
529Kb / 48P
Low-Power, Multifunction, Polyphase AFE
Rev 0; 2/08
MAXQ3180 MAXIM-MAXQ3180_09 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180_0912 MAXIM-MAXQ3180_0912 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
MAXQ3183 MAXIM-MAXQ3183 Datasheet
1Mb / 102P
Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
Rev 0; 12/09
logo
List of Unclassifed Man...
PL7411 ETC2-PL7411 Datasheet
112Kb / 1P
4ch power energy metering AFE controller
logo
SHANGHAI BELLING CO., L...
BL6513C BELLING-BL6513C Datasheet
643Kb / 15P
Polyphase Active Energy Meter
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Prolific Technology Inc...
PL7223 PROLIFIC-PL7223 Datasheet
104Kb / 1P
2ch Power/Energy Metering AFE Controller
PL7413 PROLIFIC-PL7413 Datasheet
112Kb / 1P
4ch Power/Energy Metering AFE Controller
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com