Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

272002B Datasheet (PDF) - Integrated Technology Future

272002B Datasheet PDF - Integrated Technology Future
Part # 272002B
Download  272002B Download
File Size   208.08 Kbytes
Page   5 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description SAW Bandpass Filter

272002B Datasheet (PDF)

Go To PDF Page Download Datasheet
272002B Datasheet PDF - Integrated Technology Future

Part # 272002B
Download  272002B Click to download

File Size   208.08 Kbytes
Page   5 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description SAW Bandpass Filter

272002B Datasheet (HTML) - Integrated Technology Future


272002B Product details

Features
● IF Bandpass Filter
● High Attenuation
● Single-Ended Operation
● Ceramic Surface Mount Device (SMD) Package
● Maximum Storage Temperature Range : -40℃ ~ 85 ℃
● Electrostatics Sensitive Device (ESD)
● Operating Temperature Range : -20℃ ~ ℃ 75




Similar Part No. - 272002B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2720029 PHOENIX-2720029 Datasheet
139Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2720029 PHOENIX-2720029 Datasheet
123Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4 in gray
More results


Similar Description - 272002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
SAW Bandpass Filter
2004-11-20
271101B ITF-271101B Datasheet
207Kb / 5P
SAW Bandpass Filter
2004-10-22
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
SAW Bandpass Filter
2007-01-24
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF9210 ACT-ACTF9210 Datasheet
494Kb / 7P
SAW BANDPASS FILTER
ACTF8042 ACT-ACTF8042 Datasheet
294Kb / 3P
SAW BANDPASS FILTER
ACTF4039 ACT-ACTF4039 Datasheet
196Kb / 2P
SAW BANDPASS FILTER
ACTF8058 ACT-ACTF8058 Datasheet
320Kb / 3P
SAW BANDPASS FILTER
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com