Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBP0130R Datasheet (PDF) - Comchip Technology

CDBP0130R Datasheet PDF - Comchip Technology
Part # CDBP0130R
Download  CDBP0130R Download
File Size   68.76 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Barrlier Diode

CDBP0130R Datasheet (PDF)

Go To PDF Page Download Datasheet
CDBP0130R Datasheet PDF - Comchip Technology

Part # CDBP0130R
Download  CDBP0130R Click to download

File Size   68.76 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Barrlier Diode

CDBP0130R Datasheet (HTML) - Comchip Technology


CDBP0130R Product details

IO=100mA
VR=30V
RoHS Device

Features
- Small surface mounting type.
- Low reverse current and low forward voltage.
- High reliability.

Mechanical Data
- Case: Molded plastic SOD-723
- Terminals: Solderable per MIL-STD-750, Method  2026.1.
- Polarity: Indicated by cathode band.
- Mounting position: Any.
- Marking: E




Similar Part No. - CDBP0130R

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBP0130R-G COMCHIP-CDBP0130R-G Datasheet
52Kb / 2P
SMD Schottky Barrier Diode
More results


Similar Description - CDBP0130R

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBU0520 COMCHIP-CDBU0520 Datasheet
76Kb / 2P
SMD Schottky Barrlier Diode
CDBU40 COMCHIP-CDBU40 Datasheet
77Kb / 2P
SMD Schottky Barrlier Diode
CDBF54 COMCHIP-CDBF54 Datasheet
76Kb / 2P
SMD Schottky Barrlier Diode
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D_14 Datasheet
218Kb / 5P
SMD Schottky Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com