Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRD620CT Datasheet (PDF) - Motorola, Inc

MBRD620CT Datasheet PDF - Motorola, Inc
Part # MBRD620CT
Download  MBRD620CT Download
File Size   96.49 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SWITCHMODE??Power Rectifirers DPAK Surface Mount Package

MBRD620CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRD620CT Datasheet PDF - Motorola, Inc

Part # MBRD620CT
Download  MBRD620CT Click to download

File Size   96.49 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SWITCHMODE??Power Rectifirers DPAK Surface Mount Package

MBRD620CT Datasheet (HTML) - Motorola, Inc


MBRD620CT Product details

SCHOTTKY BARRIER RECTIFIERS 6 AMPERES 20 TO 60 VOLTS

. . . in switching power supplies, inverters and as free wheeling diodes, these state–of–the–art devices have the following features:

• Extremely Fast Switching
• Extremely Low Forward Drop
• Platinum Barrier with Avalanche Guardrings
• Guaranteed Reverse Avalanche

Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 0.4 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Shipped 75 units per plastic tube
• Available in 16 mm Tape and Reel, 2500 units per reel, by adding a “T4’’ suffix to the part number
• Marking: B620T, B630T, B640T, B650T, B660T




Similar Part No. - MBRD620CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT Datasheet
65Kb / 6P
SWITCHMODE Power Rectifiers
August, 2004 ??Rev. 4
MBRD620CT ONSEMI-MBRD620CT Datasheet
103Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Frontier Electronics.
MBRD620CT FRONTIER-MBRD620CT Datasheet
124Kb / 2P
6A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT Datasheet
73Kb / 6P
Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRD620CT ONSEMI-MBRD620CT Datasheet
207Kb / 7P
Switch-mode Power Rectifiers DPAK-3 Surface Mount Package
August, 2020 - Rev. 15
More results


Similar Description - MBRD620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRD320 MOTOROLA-MBRD320 Datasheet
93Kb / 4P
SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRD835L MOTOROLA-MBRD835L Datasheet
127Kb / 4P
SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRF1045 MOTOROLA-MBRF1045 Datasheet
102Kb / 6P
SWITCHMODE??Schottky Power Rectifirers
MBRF1545CT MOTOROLA-MBRF1545CT Datasheet
78Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
MURD530 ONSEMI-MURD530 Datasheet
107Kb / 5P
SWITCHMODE Power Rectifier DPAK Surface Mount Package
November, 2008 ??Rev. 1
SURD8320T4G ONSEMI-SURD8320T4G Datasheet
136Kb / 4P
SWITCHMODE Power Rectifier DPAK Surface Mount Package
January, 2012 ??Rev. 7
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com